Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS650-14B Datasheet (PDF) - Integrated Circuit Systems

ICS650-14B Datasheet PDF - Integrated Circuit Systems
Part # ICS650-14B
Download  ICS650-14B Download
File Size   45.07 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Networking System Clock

ICS650-14B Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS650-14B Datasheet PDF - Integrated Circuit Systems

Part # ICS650-14B
Download  ICS650-14B Click to download

File Size   45.07 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Networking System Clock

ICS650-14B Datasheet (HTML) - Integrated Circuit Systems


ICS650-14B Product details

Description
The ICS650-14B is a low cost, low jitter, high  performance clock synthesizer customized for  networking systems applications.

Features
• Packaged in 20 pin (150 mil) SSOP (QSOP)
• 25.00 MHz fundamental crystal or clock input
• One fixed output clock of one 25.0 MHz
• One bank of four frequency selectable
   output clocks
• Three frequency selectable clock outputs
• Zero ppm synthesis error in all clocks
• Ideal for networking systems
• Full CMOS output swing
• Advanced, low power, sub-micron CMOS process
• 3.0V to 5.5V operating voltage
• Industrial temperature range available




Similar Part No. - ICS650-14B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS650-14 RENESAS-ICS650-14 Datasheet
367Kb / 8P
NETWORKING SYSTEM CLOCK
REV H 051310
More results


Similar Description - ICS650-14B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
ICS448-16 ICST-ICS448-16 Datasheet
126Kb / 7P
Networking Clock Synthesizer
Revision 031605
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
logo
Pericom Semiconductor C...
PI6C49003 PERICOM-PI6C49003 Datasheet
289Kb / 12P
Networking Clock Generator
PI6C49004 PERICOM-PI6C49004 Datasheet
762Kb / 12P
Networking Clock Generator
PI6C49014 PERICOM-PI6C49014 Datasheet
1,016Kb / 12P
Networking Clock Generator
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
ICS650-11 RENESAS-ICS650-11 Datasheet
274Kb / 9P
NETWORKING CLOCK SYNTHESIZER
012313
ICS650-14 RENESAS-ICS650-14 Datasheet
367Kb / 8P
NETWORKING SYSTEM CLOCK
REV H 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com