Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8344BYI Datasheet (PDF) - Integrated Circuit Systems

ICS8344BYI Datasheet PDF - Integrated Circuit Systems
Part # ICS8344BYI
Download  ICS8344BYI Download
File Size   142.81 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER

ICS8344BYI Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8344BYI Datasheet PDF - Integrated Circuit Systems

Part # ICS8344BYI
Download  ICS8344BYI Click to download

File Size   142.81 Kbytes
Page   16 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER

ICS8344BYI Datasheet (HTML) - Integrated Circuit Systems


ICS8344BYI Product details

GENERAL DESCRIPTION
The ICS8344I is a low voltage, low skew fanout buffer and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8344I has two selectable clock inputs. The CLK0, nCLK0 and CLK1, nCLK1 pairs can accept most standard differential input levels. The ICS8344I is designed to translate any differential signal levels to LVCMOS levels. The low impedance LVCMOS outputs are designed to drive 50Ω series or parallel terminated transmission lines. The effective fanout can be increased to 48 by utilizing the ability of the outputs to drive two series terminated lines. Redundant clock applications can make use of the dual clock input. The dual clock inputs also facilitate board level testing. ICS8344I is characterized at full 3.3V, full 2.5V and mixed 3.3V input and 2.5V output operating supply modes.

FEATURES
• 24 LVCMOS outputs, 7Ω typical output impedance
• 2 selectable differential clock input pairs for redundant clock applications
• CLKx, nCLKx pair can accept the following differential input levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• Maximum output frequency up to 100MHz
• Translates any single-ended input signal to LVCMOS with resistor bias on nCLK input
• Multiple output enable pins for disabling unused outputs in reduced fanout applications
• Output skew: 275ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 150ps (maximum)
• 3.3V, 2.5V or mixed 3.3V, 2.5V operating supply modes
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS8344BYI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344BY ICST-ICS8344BY Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344BYT ICST-ICS8344BYT Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
More results


Similar Description - ICS8344BYI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
logo
Integrated Device Techn...
ICS8344I-01 IDT-ICS8344I-01 Datasheet
280Kb / 13P
LOW SKEW, 1-TO-24 DIFFERENTIAL -TO-LVCMOS/LVTTL FANOUT BUFFER
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS8344 IDT-ICS8344 Datasheet
141Kb / 18P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
ICS8344-01 IDT-ICS8344-01_07 Datasheet
762Kb / 15P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
8344I RENESAS-8344I Datasheet
361Kb / 17P
Low Skew, 1-to-24 Differential-to- LVCMOS/LVTTL Fanout Buffer
December 14, 2015
ICS8344I-01 RENESAS-ICS8344I-01 Datasheet
961Kb / 16P
Low Skew, 1-to-24 Differential-to-LVCMOS/LVTTL Fanout Buffer
2019
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com