Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1881 Datasheet (PDF) - Analog Devices

AD1881 Datasheet PDF - Analog Devices
Part # AD1881
Download  AD1881 Download
File Size   6037.16 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC 97 SoundMAX Codec

AD1881 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1881 Datasheet PDF - Analog Devices

Part # AD1881
Download  AD1881 Click to download

File Size   6037.16 Kbytes
Page   22 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC 97 SoundMAX Codec

AD1881 Datasheet (HTML) - Analog Devices


AD1881 Product details

AC 97 2.1 FEATURES
    Variable Sample Rate
    True Line-level Output

AC 97 FEATURES
    Fully Compliant AC 97 Analog 1/0 Component
    48-lead lQFP Pacl(age
    Multibit !,d Converter Architecture for Improved
        S/N Ratio greater than 90 dB
    16-Bit Stereo Full-Duplex Codec
    Four Analog Line-level Stereo Inputs for Connection
        from LINE, CD, VIDEO and AUX
    Two Analog Line-level Mono Inputs for Speal(erphone
        and PC BEEP
    Mono MIC Input Switchable from Two External
        Sources
    High Quality CD Input with Ground Sense
    Stereo Line-level Output
    Mono Output for Speal    Power Management Support

ENHANCED FEATURES
    Mobile low Power Mixer Mode
    Digital Audio Mixer Mode
    DSP 16-Bit Serial Port Format, Slot 16 Mode
    Supports All Required WHQl Sample Rates
    Full Duplex Variable 7 kHz to 48 I        with 1 Hz Resolution
    Phat™ Stereo 3D Stereo Enhancement
    Split Power Supplies (3.3 V Digital/5 V AnalogI
    Extended 6-Bit Master Volume Control
    Audio Amp Power-Down Signal




Similar Part No. - AD1881

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881 AD-AD1881 Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1881AJST AD-AD1881AJST Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
AC 97 SoundMAX Codec
REV. 0
AD1881 AD-AD1881_15 Datasheet
5Mb / 22P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1881

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
AC 97 SoundMAX Codec
1/05-Rev. 0 to Rev. A
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
AC 97 SoundMAX Codec
REV. C
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
AC 97 SoundMAX Codec
REV. 0
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com