Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1881A Datasheet (PDF) - Analog Devices

AD1881A Datasheet PDF - Analog Devices
Part # AD1881A
Download  AD1881A Download
File Size   261.01 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC??7 SoundMAX Codec

AD1881A Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1881A Datasheet PDF - Analog Devices

Part # AD1881A
Download  AD1881A Click to download

File Size   261.01 Kbytes
Page   26 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC??7 SoundMAX Codec

AD1881A Datasheet (HTML) - Analog Devices


AD1881A Product details

PRODUCT OVERVIEW
The AD1881A meets the Audio Codec ’97 2.0 and 2.1 Extensions. In addition, the AD1881A SoundMAX Codec is designed to meet all requirements of the Audio Codec ’97, Component Specification, Revision 1.03, © 1996, Intel Corporation, found at www.Intel.com. The AD1881A also includes some other Codec enhanced features such as the built-in PHAT Stereo 3D enhancement.
The AD1881A is an analog front end for high performance PC audio applications. The AC’97 architecture defines a 2-chip audio solution comprising a digital audio controller, plus a high quality analog component that includes Digital-to-Analog Converters (DACs), Analog-to-Digital Converters (ADCs), mixer and I/O.
The main architectural features of the AD1881A are the high quality analog mixer section, two channels of Σ∆ ADC conversion, two channels of Σ∆ DAC conversion with Data Direct Scram bling (D2S) rate generators. The AD1881A’s left channel ADC and DAC are compatible for modem applications supporting irrational sample rates and modem filtering requirements.

AC’97 2.1 FEATURES
   Variable Sample Rate
   True Line-Level Output
   Supports Secondary Codec Modes
  
AC’97 FEATURES
   Designed for AC’97 Analog I/O Component
   48-Lead LQFP Package
   Multibit ΣΔ Converter Architecture for Improved
      S/N Ratio Greater than 90 dB
   16-Bit Stereo Full-Duplex Codec
      Four Analog Line-Level Stereo Inputs for Connection
      from LINE, CD, VIDEO, and AUX
   Two Analog Line-Level Mono Inputs for Speakerphone
      and PC BEEP
   Mono MIC Input Switchable from Two External
      Sources
   High Quality CD Input with Ground Sense
   Stereo Line-Level Output
   Mono Output for Speakerphone or Internal Speaker
   Power Management Support

ENHANCED FEATURES
   Mobile Low Power Mixer Mode
   Digital Audio Mixer Mode
   Full Duplex Variable 8 kHz to 48 kHz Sampling Rate
      with 1 Hz Resolution
   PHAT™ Stereo 3D Stereo Enhancement
   Split Power Supplies (3.3 V Digital/5 V Analog)
   Extended 6-Bit Master Volume Control
   Audio Amp Power-Down Signal




Similar Part No. - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1881A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
AC ??7 SoundMAX Codec
3/04-Data Sheet changed from Rev. 0 to Rev. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com