Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1986 Datasheet (PDF) - Analog Devices

AD1986 Datasheet PDF - Analog Devices
Part # AD1986
Download  AD1986 Download
File Size   1219.66 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX CODEC

AD1986 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1986 Datasheet PDF - Analog Devices

Part # AD1986
Download  AD1986 Click to download

File Size   1219.66 Kbytes
Page   52 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX CODEC

AD1986 Datasheet (HTML) - Analog Devices


AD1986 Product details

FEATURES

  AC `97 2.3 COMPLIANT FEATURES

    6 DAC channels for 5.1 surround

    S/PDIF output

    Integrated headphone amplifiers

    Variable rate audio

    Double rate audio (Fs = 96 kHz)

    Greater than 90 dB dynamic range

    20-bit resolution on all DACs

    20-bit resolution on all ADCs

    Line-level mono phone input

    High quality CD input

    Selectable MIC input w/preamp

    AUX and line-in stereo inputs

    External amplifier power down (EAPD)

    Power management modes

    Jack sensing and device identification

    48-pin LQFP package

 

ENHANCED FEATURES

  Integrated parametric equalizer

  Stereo microphone with up to 30 dB gain boost

  Integrated PLL for system clocking

  Variable sample rate: 7 kHz to 96 kHz

     7 kHz to 48 kHz in 1 Hz increments

     96 kHz for double rate audio

  Jack sense with auto topology switching

  Jack presence detection on up to 8 jacks

  Three software-controlled VREF_OUT signals

  Software-enabled outputs for jack sharing

  Auto-down mix and channel spreading

  Microphone-to-mono output

  Stereo microphone pass-through to mixer

  Built-in microphone/center/LFE/line-in sharing

  Built-in SURROUND/LINE_IN sharing

  Center/LFE line swapping

  Microphone swapping

  Reduced support component count

  General purpose digital output pin (GPO)

  Separate LINE_OUT and HP_OUT pins

  Headphone drivers on LINE_OUT and HP_OUT pins

  Independent headphone/LINE_OUT operation



 




Similar Part No. - AD1986

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986ABSTZ AD-AD1986ABSTZ Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986ABSTZ-REEL AD-AD1986ABSTZ-REEL Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986AJCP AD-AD1986AJCP Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986AJCP-RL AD-AD1986AJCP-RL Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
More results


Similar Description - AD1986

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
AC ??7 SoundMAX Codec
3/04-Data Sheet changed from Rev. 0 to Rev. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com