Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1887 Datasheet (PDF) - Analog Devices

AD1887 Datasheet PDF - Analog Devices
Part # AD1887
Download  AD1887 Download
File Size   150.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC??7 SoundMAX Codec

AD1887 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1887 Datasheet PDF - Analog Devices

Part # AD1887
Download  AD1887 Click to download

File Size   150.88 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC??7 SoundMAX Codec

AD1887 Datasheet (HTML) - Analog Devices


AD1887 Product details

AC’97 2.1 FEATURES
   Variable Sample Rate Audio
  
AC’97 FEATURES
   AC’97 2.2 Compliant
   Greater than 90 dB Dynamic Range
   Integrated Stereo Headphone Amplifier
   Multibit Σ-Δ Converter Architecture for Improved S/N
      Ratio Greater than 90 dB
   16-Bit Stereo Full-Duplex Codec
   Two Analog Line-Level Stereo Inputs for:
      LINE-IN and CD
   Mono MIC Input with Built-In Programmable Preamp
   High-Quality CD Input with Ground Sense
   Power Management Support
   48-Terminal TQFP Package
  
ENHANCED FEATURES
   Full Duplex Variable Sample Rates from 7040 Hz to
      48 kHz with 1 Hz Resolution
   Software-Enabled VREFOUT Output for Microphones and
      External Power Amp
   Split Power Supplies (3.3 V Digital/5 V Analog)
   Mobile Low-Power Mixer Mode
   Extended 6-Bit Headphone Volume Control
   Digital Audio Mixer Mode




Similar Part No. - AD1887

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1887

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
AC ??7 SoundMAX Codec
3/04-Data Sheet changed from Rev. 0 to Rev. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com