Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet (PDF) - Analog Devices

AD1985 Datasheet PDF - Analog Devices
Part # AD1985
Download  AD1985 Download
File Size   357.29 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX Codec

AD1985 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1985 Datasheet PDF - Analog Devices

Part # AD1985
Download  AD1985 Click to download

File Size   357.29 Kbytes
Page   48 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC ??7 SoundMAX Codec

AD1985 Datasheet (HTML) - Analog Devices


AD1985 Product details

AC ’97 SoundMAX® Codec



AC ’97 2.3 COMPLIANT FEATURES

6 DAC channels for 5.1 surround

Greater than 90 dB dynamic range

20-bit resolution on all DACs

S/PDIF Output

Integrated stereo headphone amplifiers

Variable rate audio

Double rate audio (fS= 96 kHz)

Line-level mono phone input

High quality CD mixer input

Selectable MIC input with preamp

AUX and line in stereo inputs

External amplifier power down (EAPD)

Power management modes

Jack sensing and peripheral enumeration/identification

48-lead LQFP package



ENHANCED FEATURES

Integrated parametric equalizer (EQ)

Stereo microphone with preamplifiers

Integrated PLL for system clocking

Variable sample rate 7 kHz to 96 kHz

7 kHz to 48 kHz in 1 Hz increments

96 kHz for double rate audio

Advanced jack sense with auto topology switching

Software enabled VREFOUTfor microphones and external power amp

Software enabled outputs for jack sharing

Auto down-mix and channel spreading

Microphone to mono output

Stereo microphone analog passthrough to outputs

Built-in stereo microphone and Center/LFE pin sharing

Selectable Center/LFE tip/ring swapping to support various speaker products




Similar Part No. - AD1985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com