Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 8 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD1985 Datasheet HTML 4Page - Analog Devices AD1985 Datasheet HTML 5Page - Analog Devices AD1985 Datasheet HTML 6Page - Analog Devices AD1985 Datasheet HTML 7Page - Analog Devices AD1985 Datasheet HTML 8Page - Analog Devices AD1985 Datasheet HTML 9Page - Analog Devices AD1985 Datasheet HTML 10Page - Analog Devices AD1985 Datasheet HTML 11Page - Analog Devices AD1985 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
AD1985
Rev. A | Page 8 of 48
TIMING PARAMETERS
Guaranteed over operating temperature range.
Table 14.
Parameter
Symbol
Min
Typ
Max
Unit
RESET ACTIVE LOW PULSE WIDTH
tRST_LOW
1.0
µs
RESET INACTIVE TO SDATA_IN OR BIT_CLK ACTIVE DELAY
tRST2CLK
162.8
ns
SYNC ACTIVE HIGH PULSE WIDTH
tSYNC_HIGH
1.3
µs
SYNC LOW PULSE WIDTH
tSYNC_LOW
19.5
µs
SYNC INACTIVE TO BIT_CLK STARTUP DELAY
tSYNC2CLK
162.8
ns
BIT_CLK FREQUENCY
12.288
MHz
BIT_CLK PERIOD
tCLK_PERIOD
81.4
ns
BIT_CLK OUTPUT JITTER1, 2
750
2000
ps
BIT_CLK HIGH PULSE WIDTH
tCLK_HIGH
33
42
48
ns
BIT_CLK LOW PULSE WIDTH
tCLK_LOW
33
38
48
ns
SYNC FREQUENCY
48.0
kHz
SYNC PERIOD
tSYNC_PERIOD
20.8
µs
SETUP TO FALLING EDGE OF BIT_CLK
tSETUP
10
2.5
ns
HOLD FROM FALLING EDGE OF BIT_CLK
tHOLD
5
ns
BIT_CLK RISE TIME
tRISECLK
2
4
6
ns
BIT_CLK FALL TIME
tFALLCLK
2
4
6
ns
SYNC RISE TIME
tRISESYNC
2
4
6
ns
SYNC FALL TIME
tFALLSYNC
2
4
6
ns
SDATA_IN RISE TIME
tRISEDIN
2
4
6
ns
SDATA_IN FALL TIME
tFALLDIN
2
4
6
ns
SDATA_OUT RISE TIME
tRISEDOUT
2
4
6
ns
SDATA_OUT FALL TIME
tFALLDOUT
2
4
6
ns
END OF SLOT 2 TO BIT_CLK, SDATA_IN LOW
tS2_PDOWN
0
1.0
µs
SETUP TO TRAILING EDGE OF RESET (APPLIES TO SYNC, SDATA_OUT)
tSETUP2RST
15.0
ns
RISING EDGE OF RESET TO HIGH-Z DELAY
tOFF
25.0
ns
PROPAGATION DELAY
15
ns
RESET RISE TIME
50
ns
OUTPUT VALID DELAY FROM RISING EDGE OF BIT_CLK TO SDI VALID
tCO
15
ns
RESET INACTIVE TO BIT_CLK STARTUP DELAY
tTRI2ACTV
25
ns
1 Guaranteed, not tested.
2 Output jitter directly dependent on crystal input jitter; maximum specified for noncrystal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com