Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 41 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD1985 Datasheet HTML 37Page - Analog Devices AD1985 Datasheet HTML 38Page - Analog Devices AD1985 Datasheet HTML 39Page - Analog Devices AD1985 Datasheet HTML 40Page - Analog Devices AD1985 Datasheet HTML 41Page - Analog Devices AD1985 Datasheet HTML 42Page - Analog Devices AD1985 Datasheet HTML 43Page - Analog Devices AD1985 Datasheet HTML 44Page - Analog Devices AD1985 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
AD1985
Rev. A | Page 41 of 48
Advanced Jack Sense Register (Index 0x78)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9 D8 D7
D6
D5
D4
D3
D2
D1
D0
Default
0x78
Advanced
Jack Sense
X
X
X
X
X
X
X
X
JS3TMR JS2TMR JS3MD JS2MD JS3ST JS2ST JS3INT JS2INT N/A
Note: All register bits are read/write except for JS2ST and JS3ST, which are read-only.
JS2INT
Indicates Pin JS2 Has Generated an Interrupt. Remains set until the software services JS2 interrupt, i.e., JS2 ISR (Interrupt
Service Routine) should clear this bit by writing a 0 to it.
Notes:
1) Interrupts are generated by valid state changes of JS pins.
2) Interrupt to the system is actually an OR combination of this bit and JS3INT to JS0INT.
3) The interrupt implementation path is selected by the INTS bit (Register 0x74).
4) It is also possible to generate a software system interrupt by writing a 1 to this bit.
JS3INT
Indicates Pin JS3 Has Generated an Interrupt. Remains set until the software services the JS3 interrupt, i.e., JS3 ISR (Interrupt
Service Routine) should clear this bit by writing a 0 to it. See the JS2INT description above for additional details.
JS2ST
JS2 State. This bit always reports the logic state of JS2 pin.
Cannot be used for MIC sensing.
JS3ST
JS3 State. This bit always reports the logic state of JS3 pin.
When the voltage reference is set to 3.7 V, the behavior of this pin is inverted to allow for MIC sensing. In this mode, an
inserted jack causes the pin to go low. All other voltage reference levels enable this pin to be used as a standard sense pin.
Only JS3 can be used for MIC sensing.
JS2MD
JS2 Mode. This bit selects the operation mode for the JS2 pin.
0: Jack Sense Mode. (Reset default.)
1: Interrupt Mode.
JS3MD
JS3 Mode. This bit selects the operation mode for the JS3 pin.
0: Jack Sense Mode. (Reset default.)
1: Interrupt Mode.
JS2TMR
JS2 Timer Enable. If this bit is set to a 1, JS2 must be high for greater than 298 ms to be recognized.
JS3TMR
JS3 Timer Enable. If this bit is set to a 1, JS3 must be asserted (see JS3ST) for greater than 298 ms to be recognized.
X
Reserved. Do not write.
Vendor ID Registers (Index 0x7C to 0x7E)
Reg Num Name D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x7C
Vendor
ID1
VIDF7 VIDF6 VIDF5 VIDF4 VIDF3 VIDF2 VIDF1 VIDF0 VIDS7 VIDS6 VIDS5 VIDS4 VIDS3 VIDS2 VIDS1 VIDS0 0x4144
VIDS[7:0]: This register is ASCII encoded to A.
VIDF[7:0]: This register is ASCII encoded to D.
Reg
Num
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x7E Vendor
ID2
VIDT7 VIDT6 VIDT5 VIDT4 VIDT3 VIDT2 VIDT1 VIDT0 VIDREV7 VIDREV6 VIDREV5 VIDREV4 VIDREV3 VIDREV2 VIDREV1 VIDREV0 0x5375
VIDT[7:0]: This register is ASCII encoded to S.
VIDREV[7:0]: This register is set to 0x75, identifying the AD1985.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com