Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 39 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD1985 Datasheet HTML 35Page - Analog Devices AD1985 Datasheet HTML 36Page - Analog Devices AD1985 Datasheet HTML 37Page - Analog Devices AD1985 Datasheet HTML 38Page - Analog Devices AD1985 Datasheet HTML 39Page - Analog Devices AD1985 Datasheet HTML 40Page - Analog Devices AD1985 Datasheet HTML 41Page - Analog Devices AD1985 Datasheet HTML 42Page - Analog Devices AD1985 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
AD1985
Rev. A | Page 39 of 48
Miscellaneous Control Bits (Index 0x76)
Reg
Num
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4 D3
D2
D1
D0
Default
0x76
Misc
Control Bits
DACZ AC97NC MSPLT LODIS CLDIS HPSEL DMIX1 DMIX0 SPRD 2CMIC LOSEL SRU VREFH VREFD MBG1 MBG0 0x0000
MBG[1:0]
MIC Boost Gain Select Register. These two bits allow changing both MIC preamp gain blocks from the nominal +20 dB
gain boost. Both MIC1 and MIC2 preamps will be set to the same selected gain.
Note: This gain setting only takes effect while Bit D6 (M20) on the MIC volume register (0x0E) is set to 1, otherwise, the MIC
boost blocks have a gain of 0 dB.
00: +20 dB gain. (Reset default.)
01: +10 dB gain.
10: +30 dB gain.
11: Reserved.
Controls the Level of the VREFOUT Pin as Follows:
VREFH
VREFD
0
0
2.25 V (Default)
0
1
High-Z
1
0
3.7 V
VREFD, VREFH
1
1
0 V
SRU
Sample Rate Unlock. Controls all DAC sample rate locking.
0: All DAC sample rates are locked to the front sample rate. (Reset default.)
1: DAC sample rates can be set independently for front, surround, and LFE.
LOSEL
LINE_OUT Amplifiers Input Select. This bit allows the LINE_OUT output amplifiers to be driven by the mixer or the
surround DACs. The main purpose for this is to allow swapping of the front and surround channels to make better use of
the SURR/HP_OUT output amplifiers. This bit should normally be used in tandem with the HPSEL bit (see below).
0: LINE_OUT amplifiers are driven by the mixer outputs. (Reset default.)
1: LINE_OUT amplifiers are driven by the surround DAC outputs.
2CMIC
2-Channel MIC Select. This bit enables simultaneous recording from MIC1 and MIC2 inputs, using a stereo microphone
array. Note that this register works in conjunction with the MS and OMS bits.
0: MIC1 or MIC2 (determined by MS bit) is routed to the mixer/record selector’s left and right MIC channels. (Reset default.)
1: MIC1 is routed to the mixer/record selector’s left MIC channel, and MIC2 is routed to the mixer/record selector’s right
MIC channel. The MS bit will swap the MIC1/MIC2 left and right assignments.
The OMS bit will select from the MIC1/MIC2 or Center/LFE pins as the input source for the microphone. See the Record
Selector (Register 0x1A), MS bit (Bit D8, Register 0x20), or OMS bit (Bit D9, Register 0x74) definitions for more information.
SPRD
Spread Enable. This bit enables spreading of 2-channel media to all six output channels. This function is implemented in
the analog section by using the output selector control lines for the center/LFE, surround, and LINE_OUT output channels.
Note that the jack sense pins can also be set up to control (gate) this function depending on the JS1SPRD bit (see
Register 0x72).
0: No Spreading occurs, unless activated by the jack senses and JS1SPRD bit. (Reset default.)
1: The SPRD selector drives the center and LFE outputs from the MONO_OUT, the HPSEL selector drives the SURR/HP_OUT
outputs from the mixer outputs, and the LOSEL selector drives the LINE_OUT outputs from the mixer outputs.
Note that the SPRD bit overrides the current output selector control lines, set up by Bits LOSEL and HPSEL as follows:
LOSEL = 0 and HPSEL = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com