Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 27 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD1985 Datasheet HTML 23Page - Analog Devices AD1985 Datasheet HTML 24Page - Analog Devices AD1985 Datasheet HTML 25Page - Analog Devices AD1985 Datasheet HTML 26Page - Analog Devices AD1985 Datasheet HTML 27Page - Analog Devices AD1985 Datasheet HTML 28Page - Analog Devices AD1985 Datasheet HTML 29Page - Analog Devices AD1985 Datasheet HTML 30Page - Analog Devices AD1985 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
AD1985
Rev. A | Page 27 of 48
Extended Audio ID Register (Index 0x28)
Reg
Num
Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3 D2
D1
D0
Default
0x28 Extended
Audio ID
AID1 AID0 X
X
REV1 REV0 AMAP AIDLDAC AIDSDAC AIDCDAC DSA1 DSA0 X
AIDSPDIF DRA
AIDVRA 0xXBC7
The extended audio ID register identifies which extended audio features are supported. A nonzero extended audio ID value indicates that
one or more of the extended audio features are supported.
AIDVRA
Variable Rate PCM Audio Support (Read-Only). This bit returns a 1 when read to indicate that variable rate PCM audio is
supported.
AIDSPDIF
SPDIF Support (Read-Only). This bit returns a 1 when read to indicate that SPDIF transmitter is supported (IEC958).
DRA
Double Rate Audio (Read-Only). This bit returns a 1 when read to indicate that the optional double rate PCM audio is supported
for PCM L and PCM R.
DAC Slot Assignments. (Read/Write; Reset Default = 00.)
00: DACs 1, 2 = 3 and 4
DACs 3, 4 = 7 and 8
DACs 5, 6 = 6 and 9
01: DACs 1, 2 = 7 and 8
DACs 3, 4 = 6 and 9
DACs 5, 6 = 10 and 11
10: DACs 1, 2 = 6 and 9
DACs 3, 4 = 10 and 11
DACs 5, 6 = 3 and 4
DSA[1:0]
11: DACs 1, 2 = 10 and 11
DACs 3, 4 = 3 and 4
DACs 5, 6 = 7 and 8
AIDCDAC
PCM Center DAC Support (Read-Only). This bit returns a 1 when read to indicate that PCM Center DAC is supported.
AIDSDAC
PCM Surround DAC Support (Read-Only). This bit returns a 1 when read to indicate that PCM surround left and right DACs are
supported.
AIDLDAC
PCM LFE DAC Support (Read-Only). This bit returns a 1 when read to indicate that PCM LFE DAC is supported.
AMAP
Slot DAC Mappings Based on Codec ID (Read-Only). This bit returns a 1 when read to indicate that slot/DAC mappings based on
codec ID is supported.
REV[1:0]
REV[1:0] = 10 Indicates That Codec Is AC ’97 Revision 2.3 Compliant (Read-Only).
AID[1:0]
Indicates Codec Configuration (Read-Only).
00 = Primary.
01, 10, 11 = Secondary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com