Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 4 Page - Analog Devices

  AD1985 Datasheet HTML 1Page - Analog Devices AD1985 Datasheet HTML 2Page - Analog Devices AD1985 Datasheet HTML 3Page - Analog Devices AD1985 Datasheet HTML 4Page - Analog Devices AD1985 Datasheet HTML 5Page - Analog Devices AD1985 Datasheet HTML 6Page - Analog Devices AD1985 Datasheet HTML 7Page - Analog Devices AD1985 Datasheet HTML 8Page - Analog Devices AD1985 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
AD1985
Rev. A | Page 4 of 48
SPECIFICATIONS
Table 1. Test Conditions, Unless Otherwise Noted
Parameter
Value/Condition
Unit
TEMPERATURE
25
°C
DIGITAL SUPPLY (DVDD)
3.3
V
ANALOG SUPPLY (AVDD)
5.0
V
SAMPLE RATE (fS)
48
kHz
INPUT SINE WAVE SIGNAL
1,008
Hz
ANALOG OUTPUT PASS BAND
20 to 20,000
Hz
Calibrated
Output –3 dB relative to full scale
10 kΩ output load: line
32 Ω output load: headphone
2 kΩ output load: center and LFE
DAC TEST CONDITIONS
47.5 kΩ output load: mono
Calibrated
0 dB PGA gain
ADC TEST CONDITIONS
Input –3 dB relative to full scale
CLOCK
24.576 MHz
ANALOG INPUT
Table 2.
Parameter
Min
Typ
Max
Unit
INPUT VOLTAGE
LINE_IN, CD, AUX, PHONE_IN
1
V rms
2.83
V p-p
MIC_IN with +30 dB Preamp
0.032
V rms
0.089
V p-p
MIC_IN with +20 dB Preamp
0.1
V rms
0.283
V p-p
MIC_IN with +10 dB Preamp
0.316
V rms
0.894
V p-p
MIC_IN with 0 dB Preamp
1
V rms
2.83
V p-p
Input Impedance1
20
kΩ
Input Capacitance1
5
7.5
pF
MASTER VOLUME
Table 3.
Parameter
Min
Typ
Max
Unit
STEP SIZE (LINE OUT, MONO OUT, SURROUND OUT, CENTER, LFE)
1.5
dB
OUTPUT ATTENUATION RANGE (0 dB TO −46.5 dB)
46.5
dB
MUTE ATTENUATION OF 0 dB FUNDAMENTAL1
80
dB
PROGRAMMABLE GAIN AMPLIFIER—ADC
Table 4.
Parameter
Min
Typ
Max
Unit
STEP SIZE (0 dB TO +22.5 dB)
1.5
dB
PGA GAIN RANGE
22.5
dB
1 Guaranteed, not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com