Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 21 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices AD1985 Datasheet HTML 21Page - Analog Devices AD1985 Datasheet HTML 22Page - Analog Devices AD1985 Datasheet HTML 23Page - Analog Devices AD1985 Datasheet HTML 24Page - Analog Devices AD1985 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
AD1985
Rev. A | Page 21 of 48
AUX In Volume Register (Index 0x16)
Reg Num
Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x16
AUX In Volume AM
X
X
LAV4 LAV3 LAV2 LAV1 LAV0 AVRM1
X
X
RAV4 RAV3 RAV2 RAV1 RAV0 0x8808
1 For AC ’97 compatibility, Bit D7 (AVRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels. See the Volume Settings for Line In, CD Volume, AUX, and PCM Out table.
RAV[4:0]
Right AUX Volume. Allows setting the AUX right channel gain/attenuator to one of 32 levels. The LSB represents 1.5
dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
AVRM
Right Channel Mute: Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately
from the AM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LAV[4:0]
Left AUX Volume. Allows setting the AUX left channel gain/attenuator to one of 32 levels. The LSB represents
1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
AM
AUX Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case, this mute bit will only affect the left channel.
PCM Out Volume (Index 0x18)
Reg Num
Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x18
PCM Out Vol
OM X
X
LOV4 LOV3 LOV2 LOV1 LOV0 OMRM1
X
X
ROV4 ROV3 ROV2 ROV1 ROV0 0x8808
1 For AC ’97 compatibility, Bit D7 (OMRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels. See the Volume Settings for Line In, CD Volume, AUX, and PCM Out table.
Note that depending on the state of the AC97NC bit in Register 0x76, this register has the following additional functionality:
• For AC97NC = 0, the register also controls the surround, center, and LFE DAC gain/attenuators.
• For AC97NC = 1, the register controls the PCM out volume only.
ROV[4:0]
Right PCM Out Volume. Allows setting the PCM right channel gain/attenuator to one of 32 levels. The LSB represents 1.5 dB, and
the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
OMRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately from the OM
bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LOV[4:0]
Left PCM Out Volume. Allows setting the PCM left channel gain/attenuator to one of 32 levels. The LSB represents 1.5 dB, and
the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
OM
PCM Out Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in Register
0x76 is set to 1, in which case, this mute bit will only affect the left channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com