Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 19 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD1985 Datasheet HTML 15Page - Analog Devices AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices AD1985 Datasheet HTML 21Page - Analog Devices AD1985 Datasheet HTML 22Page - Analog Devices AD1985 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 48 page
background image
AD1985
Rev. A | Page 19 of 48
Phone_In Volume Register (Index 0x0C)
Reg Num
Name
D15
D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4
D3
D2
D1
D0
Default
0x0C
Phone_In Volume
PHM X
X
X
X
X
X
X
X
X
X
PHV4 PHV3 PHV2 PHV1 PHV0 0x8008
PHV[4:0]
Phone Volume. Allows setting the phone volume gain/attenuator to one of 32 levels. The LSB represents 1.5 dB,
and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, with mute bit enabled.
PHM
Phone Mute. When this bit is set to 1, the Phone channel is muted.
Volume Settings for Phone and MIC
Control Bits D[4:0]
Phone (0x0C) and MIC (0x0E)
D15
Write
Readback
Function
0
0 0000
0 0000
12 dB Gain
0
0 1000
0 1000
0 dB Gain
0
1 1111
1 1111
–34.5 dB Gain
1
x xxxx
x xxxx
–∞ dB Gain, Muted
Note that the x in the above table is a wild card, meaning the value has no effect.
Microphone Volume Register (Index 0x0E)
Reg Num
Name
D15
D14 D13 D12 D11 D10 D9 D8 D7 D6
D5 D4
D3
D2
D1
D0
Default
0x0E
MIC Volume
MCM
X
X
X
X
X
X
X
X
M20 X
MCV4
MCV3
MCV2
MCV1
MCV0
0x8008
This register controls the volume, gain boost, and mute for the gain/attenuators on both the MIC1 and MIC2 paths to the mixer. There is
no separate control for left and right on this path. The signal paths must be identical, hence the single control for both.
MCV[4:0]
MIC Volume. Allows setting the MIC volume gain/attenuator to one of 32 levels. The LSB represents 1.5 dB, and the
gain range is +12 dB to –34.5 dB. The default value is 0 dB, with mute enabled.
M20
MIC Gain Boost. This bit allows setting additional MIC gain to increase the microphone sensitivity. Gain is applied
to the microphone path to both the analog mixer and the ADC(s).
The nominal gain boost by default is +20 dB; however, Bits D0 and D1 (MBG[1:0]) on the Miscellaneous Control Bits
Register (0x76), allow changing the gain boost to +10 dB or +30 dB, if necessary.
0 = Disabled; Gain = 0 dB.
1 = Enabled; Default Gain = +20 dB (see Register 0x76, Bits D0 and D1).
MCM
MIC Mute. When this bit is set to 1, both channels are muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com