Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1985 Datasheet HTML 6Page - Analog Devices AD1985 Datasheet HTML 7Page - Analog Devices AD1985 Datasheet HTML 8Page - Analog Devices AD1985 Datasheet HTML 9Page - Analog Devices AD1985 Datasheet HTML 10Page - Analog Devices AD1985 Datasheet HTML 11Page - Analog Devices AD1985 Datasheet HTML 12Page - Analog Devices AD1985 Datasheet HTML 13Page - Analog Devices AD1985 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD1985
Rev. A | Page 10 of 48
ABSOLUTE MAXIMUM RATINGS
Table 15.
Parameter
Min
Max
Unit
POWER SUPPLIES
Digital (DVDD)
–0.3
+3.6
V
Analog (AVDD)
–0.3
+6.0
V
INPUT CURRENT
(EXCEPT SUPPLY PINS)
±10.0
mA
ANALOG INPUT VOLTAGE
(SIGNAL PINS)
–0.3
AVDD + 0.3
V
DIGITAL INPUT VOLTAGE
(SIGNAL PINS)
–0.3
DVDD + 0.3
V
AMBIENT TEMPERATURE (OPERATING)
0
70
°C
STORAGE TEMPERATURE
–65
+150
°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ENVIRONMENTAL CONDITIONS
Ambient Temperature Rating
TCASE = Case Temperature in °C
PD = Power Dissipation in W
θJA = Thermal Resistance (Junction to Ambient)
θJC = Thermal Resistance (Junction to Case)
Table 16. Thermal Resistance
Package Type
θJA
θJC
LQFP
50.1°C/W
17.8°C/W
All measurements per EIA/JESD51 with 2S2P test board per EIA/JESD51-7.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com