Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices AD1985 Datasheet HTML 21Page - Analog Devices AD1985 Datasheet HTML 22Page - Analog Devices AD1985 Datasheet HTML 23Page - Analog Devices AD1985 Datasheet HTML 24Page - Analog Devices AD1985 Datasheet HTML 25Page - Analog Devices AD1985 Datasheet HTML 26Page - Analog Devices AD1985 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
AD1985
Rev. A | Page 23 of 48
Record Gain Register (Index 0x1C)
Reg Num
Name
D15 D14 D13 D12 D11
D10
D9
D8
D7
D6 D5 D4 D3
D2
D1
D0
Default
0x1C
Record Gain
IM
X
X
X
LIV3
LIV2
LIV1
LIV0
IMRM1
X
X
X
RIV3
RIV2
RIV1
RIV0
0x8000
1 For AC ’97 compatibility, Bit D7 (IMRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels.
RIV[3:0]
ADC Right Channel Input Volume Gain Control. Each LSB represents 1.5 dB and the gain range is 0 dB to +22.5 dB.
IMRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel separately
from the IM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LIV[3:0]
ADC Left Channel Input Volume Gain Control. Each LSB represents 1.5 dB and the gain range is 0 dB to +22.5 dB.
IM
Input Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in Register
0x76 is set to 1, in which case, this mute bit will only affect the left channel.
IM
xIM[3:0]
Function
0
1111
+22.5 dB Gain
0
0000
0 dB Gain
1
xxxxx
Muted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com