Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 29 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD1985 Datasheet HTML 25Page - Analog Devices AD1985 Datasheet HTML 26Page - Analog Devices AD1985 Datasheet HTML 27Page - Analog Devices AD1985 Datasheet HTML 28Page - Analog Devices AD1985 Datasheet HTML 29Page - Analog Devices AD1985 Datasheet HTML 30Page - Analog Devices AD1985 Datasheet HTML 31Page - Analog Devices AD1985 Datasheet HTML 32Page - Analog Devices AD1985 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
AD1985
Rev. A | Page 29 of 48
AC ‘97 2.3 AMAP Compliant Default SPDIF Slot Assignments
Codec ID
Function
SPSA = 00
SPSA = 01
SPSA = 10
SPSA = 11
00
2-ch Primary with SPDIF
3 and 4
7 and 8 [default]
6 and 9
10 and 11
00
4-ch Primary with SPDIF
3 and 4
7 and 8
6 and 9 (default)
10 and 11
00
6-ch Primary with SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
01
+2-ch Secondary with SPDIF
3 and 4
7 and 8
6 and 9 (default)
01
+4-ch Secondary with SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
10
+2-ch Secondary with SPDIF
3 and 4
7 and 8
6 and 9 (default)
10
+4-ch Secondary with SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
11
+2-ch Secondary with SPDIF
3 and 4
7 and 8
6 and 9
10 and 11 (default)
PCM Front DAC Rate Register (Index 0x2C)
Reg Num Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x2C
PCM Front DAC Rate
SRF15 SRF14 SRF13 SRF12 SRF11 SRF10 SRF9 SRF8 SRF7 SRF6 SRF5 SRF4 SRF3 SRF2 SRF1 SRF0 0xBB80
This read/write sample rate control register contains 16-bit unsigned values, representing the rate of operation in Hz.
SR[15:0]
Sample Rate. The sampling frequency range is from 7 kHz (0x1B58) to 48 kHz (0xBB80) in 1 Hz increments. The codec may
not function correctly if frequencies are written outside this range. If 0 is written to ASCVRA (Reg 0x2A), then the sample
rate is reset to 48 kHz.
PCM Surround DAC Rate Register (Index 0x2E)
Reg Num
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x2E
PCM Surr DAC Rate
SRS15 SRS14 SRS13 SRS12 SRS11 SRS10 SRS9 SRS8 SRS7 SRS6 SRS5 SRS4 SRS3 SRS2 SRS1 SRS0 0xBB80
This read/write sample rate control register contains 16-bit unsigned values, representing the rate of operation in Hz.
This register sets the sample rate for the Surround DAC. This register’s reset default is to be locked to the PCM front DAC sample rate
register (0x2C). To unlock this register, Bit SSRU in Register 0x76 must be asserted.
SRS[15:0]
Sample Rate. The sampling frequency range is from 7 kHz (0x1B58) to 48 kHz (0xBB80) in 1 Hz increments. The codec
may not function correctly if frequencies are written outside this range. If 0 is written to ASCVRA (Reg 0x2A), then the
sample rate is reset to 48 kHz.
PCM LFE/Center DAC Rate Register (Index 0x30)
Reg Num NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x30
PCM LFE/C DAC
Rate
SRCL15 SRCL14 SRCL13 SRCL12 SRCL11 SRCL10 SRCL9 SRCL8 SRCL7 SRCL6 SRCL5 SRCL4 SRCL3 SRCL2 SRCL1 SRCL0 0xBB80
This read/write sample rate control register contains 16-bit unsigned values, representing the rate of operation in Hz.
This register sets the sample rate for the LFE DAC and center DAC. This register’s reset default is to be locked to the PCM front DAC
sample rate register (0x2C). To unlock this register, Bit SSRU in Register 0x76 must be asserted.
SRCL[15:0]
Sample Rate. The sampling frequency range is from 7 kHz (0x1B58) to 48 kHz (0xBB80) in 1 Hz increments. The codec
may not function correctly if frequencies are written outside this range. If 0 is written to ASCVRA (Register 0x2A), then
the sample rate is reset to 48 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com