Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 36 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD1985 Datasheet HTML 32Page - Analog Devices AD1985 Datasheet HTML 33Page - Analog Devices AD1985 Datasheet HTML 34Page - Analog Devices AD1985 Datasheet HTML 35Page - Analog Devices AD1985 Datasheet HTML 36Page - Analog Devices AD1985 Datasheet HTML 37Page - Analog Devices AD1985 Datasheet HTML 38Page - Analog Devices AD1985 Datasheet HTML 39Page - Analog Devices AD1985 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD1985
Rev. A | Page 36 of 48
Jack Sense/Audio Interrupt/Status Register (Index 0x72)
Reg
Num Name
D15
D14
D13
D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
0x72 Jack Sense/
Audio/Status
JS
SPRD
JS1
DMX
JS0
DMX
JS
MT2
JS
MT1
JS
MT0
JS1
EQB
JS0
EQB
JS1
TMR
JS0
TMR
JS1
MD
JS0
MD
JS1
ST
JS0
ST
JS1
INT
JS0
INT
N/A
Note: All register bits are read/write except for JS0ST and JS1ST, which are read-only.
JS0INT
Indicates Pin JS0 has generated an interrupt. Remains set until the software services the JS0 interrupt; i.e., JS0 ISR (Interrupt
Service Routine) should clear this bit by writing a 0 to it.
Notes:
1) Interrupts are generated by valid state changes of JS pins.
2) Interrupt to the system is actually an OR combination of this bit and JS3INT to JS0INT.
3) The interrupt implementation path is selected by the INTS bit (Register 0x74).
4) It is also possible to generate a software system interrupt by writing a 1 to this bit.
JS1INT
Indicates Pin JS1 has generated an interrupt. Remains set until the software services the JS1 interrupt; i.e., JS1 ISR (Interrupt
Service Routine) should clear this bit by writing a 0 to it. See JS0INT description above for additional details.
JS0ST
JS0 State. This bit always reports the logic state of the JS0 pin.
Cannot be used for MIC sensing.
JS1ST
JS1 State. This bit always reports the logic state of the JS1 pin.
Cannot be used for MIC sensing.
JS0MD
JS0 Mode. This bit selects the operation mode for the JS0 pin.
0: Jack Sense Mode (Reset Default).
1: Interrupt Mode.
JS1MD
JS1 Mode: This bit selects the operation mode for the JS1 pin.
0: Jack Sense Mode (Reset Default).
1: Interrupt Mode.
JS0TMR
JS0 Timer Enable. If this bit is set to a 1, JS0 must be high for greater than 298 ms to be recognized.
JS1TMR
JS1 Timer Enable. If this bit is set to a 1, JS1 must be high for greater than 298 ms to be recognized.
JS0EQB
JS0 EQ Bypass Enable. This bit enables JS0 to control the EQ bypass.
When this bit is set to 1, JS0 = 1 will cause the EQ to be bypassed. Default is 0.
JS1EQB
JS1 EQ Bypass Enable. This bit enables JS1 to control the EQ bypass.
When this bit is set to 1, JS1 = 1 will cause the EQ to be bypassed. Default is 0.
JSMT[2:0]
JS Mute Enable Selector. These three bits select and enable the jack sense muting action (see theJack Sense Mute Select (JSMT
[2:0]) table).
JS0DMX
JS0 Down-Mix Control Enable. This bit enables JS0 to control the down-mix function. This function allows a digital mix of
6-channel audio into 2-channel audio. The mix can then be routed to the stereo LINE_OUT or HP_OUT jacks. When this bit is set
to 1, JS0 = 1 will activate the down-mix conversion.
See the DMIX description in Register 0x76. The DMIX bits select the down-mix implementation type and can also force the
function to be activated.
JS1DMX
JS1 Down-Mix Control Enable. This bit enables JS1 to control the down-mix function (see the JS0DMX description).
When this bit is set to 1, JS1 = 1 will activate the down-mix conversion.
JSSPRD
JS Spread Control Enable. This bit enables 2-channel to 6-channel audio spread function when both jack senses are active
(Logic State 1). Note that the SPRD bit can also force the spread function without being gated by the jack senses. See this bit’s
description in Register 0x76 for more details on the spread function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com