Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 31 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD1985 Datasheet HTML 27Page - Analog Devices AD1985 Datasheet HTML 28Page - Analog Devices AD1985 Datasheet HTML 29Page - Analog Devices AD1985 Datasheet HTML 30Page - Analog Devices AD1985 Datasheet HTML 31Page - Analog Devices AD1985 Datasheet HTML 32Page - Analog Devices AD1985 Datasheet HTML 33Page - Analog Devices AD1985 Datasheet HTML 34Page - Analog Devices AD1985 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
AD1985
Rev. A | Page 31 of 48
Surround Volume Control Register (Index 0x38)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6 D5
D4
D3
D2
D1
D0
Default
0x38
Surround Volume
LSM X
LSR5 LSR4 LSR3 LSR2 LSR1 LSR0 RSM X
RSR5 RSR4 RSR3 RSR2 RSR1 RSR0 0x8080
This register controls the surround volume controls for both
stereo channels and mute bits. Each volume subregister contains
five bits, generating 32 volume levels with increments of 1.5 dB
each.
AC ’97 defines the 6-bit volume registers, therefore, to maintain
compatibility whenever the D5 or D13 bit is set to 1, its
respective lower five volume bits are automatically set to 1 by
the codec logic. On read-back, all lower five bits will read 1s
whenever these bits are set to 1.
Note that depending on the state of the AC97NC bit in
Register 0x76, this register operates as follows:
• For AC97NC = 0, the register controls the surround output
pin attenuators. The range is 0 dB to –46.5 dB.
• For AC97NC = 1, the register controls the surround DAC
gain/attenuators. The range is +12 dB to –34.5 dB.
RSR[5:0]
Right Surround Volume Control.
RSM
Right Surround Volume Mute. When this bit is set to 1, the right channel is muted.
LSR[5:0]
Left Surround Volume Control.
LSM
Left Surround Volume Mute. When this bit is set to 1, the left channel is muted.
xSR[5:0]
LSM (RSM)
Write
Readback
Function with AC97NC = 0
Function with AC97NC = 1
0
00 0000
00 0000
0 dB Gain
+12 dB Gain
0
00 1111
00 1111
−22.5 dB Gain
−10.5 dB Gain
0
01 1111
01 1111
−46.5 dB Gain
−34.5 Gain
0
1x xxxx
01 1111
−46.5 dB Gain
Indeterminate1
1
xx xxxx
xx xxxx
Muted, −∞ dB Gain
Muted, −∞ dB Gain
Note: x in the above table is a wild card, meaning the value has no effect.
1 When AC97NC is set to 1, there is only a 5-bit gain/attenuator to control, so the sixth bit, i.e., the MSB, does not control anything. Therefore, the 5-bit gain setting is
indeterminate, since the five LSBs are listed as wild cards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com