Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 20 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD1985 Datasheet HTML 16Page - Analog Devices AD1985 Datasheet HTML 17Page - Analog Devices AD1985 Datasheet HTML 18Page - Analog Devices AD1985 Datasheet HTML 19Page - Analog Devices AD1985 Datasheet HTML 20Page - Analog Devices AD1985 Datasheet HTML 21Page - Analog Devices AD1985 Datasheet HTML 22Page - Analog Devices AD1985 Datasheet HTML 23Page - Analog Devices AD1985 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
AD1985
Rev. A | Page 20 of 48
Line In Volume (Index 0x10)
Reg Num
Name
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x10
Line In Volume
LM
X
X
LLV4 LLV3 LLV2 LLV1 LLV0 LVRM1
X
X
RLV4 RLV3 RLV2 RLV1 RLV0 0x8808
1 For AC ’97 compatibility, Bit D7 (LVRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels.
RLV[4:0]
Right Line In Volume. Allows setting the line in right channel gain/attenuator to one of 32 levels. The LSB
represents 1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LVRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel
separately from the LM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LLV[4:0]
Line In Volume Left. Allows setting the line in left channel gain/attenuator to one of 32 levels. The LSB
represents 1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
LM
Line In Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case, this mute bit will affect only the left channel.
Volume Settings for Line In, CD Volume, AUX, and PCM Out
Reg. 0x76
Control Bits
Line In (0x10), CD (0x12), AUX (0x16), and PCM Out (0x18)
Left Channel Volume D[12:8]
Right Channel Volume D[4:0]
MSPLT1
D15
Write
Readback
Function
D71
Write
Readback
Function
0
0
0 0000
0 0000
12 dB Gain
x
0 0000
0 0000
12 dB Gain
0
0
0 1000
0 1000
0 dB Gain
x
0 1000
0 1000
0 dB Gain
0
0
1 1111
1 1111
–34.5 dB Gain
x
1 1111
1 1111
–34.5 dB Gain
0
1
x xxxx
x xxxx
–∞ dB Gain, Muted
x
x xxxx
x xxxx
–∞ dB Gain, Muted
1
0
1 1111
1 1111
–34.5 dB Gain
1
x xxxx
x xxxx
–∞ dB Gain, Only Right Muted
1
1
x xxxx
x xxxx
–∞ dB Gain, Only Left Muted
0
1 1111
1 1111
–34.5 dB Gain
1
1
x xxxx
x xxxx
–∞ dB Gain, Left Muted
1
x xxxx
x xxxx
–∞ dB Gain, Right Muted
1 For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 0x76. The MSPLT bit enables separate mute bits for the left and right channels. If
MSPLT is not set, RM bit has no effect.
Note that the x in the above table is a wild card, meaning the value has no effect.
CD Volume Register (Index 0x12)
Reg Num
Name
D15 D14 D13 D12
D11
D10
D9
D8
D7
D6 D5 D4
D3
D2
D1
D0
Default
0x12
CD Volume
CM X
X
LCV4 LCV3 LCV2 LCV1 LCV0 CDRM1
X
X
RCV4 RCV3 RCV2 RCV1 RCV0 0x8808
1 For AC97 compatibility, Bit D7 (CDRM) is available only by setting the MSPLT bit in Register 0x76. The MSPLT bit enables separate mute bits for the left and right
channels. See the Volume Settings for Line In, CD Volume, AUX, and PCM Out table.
RCV[4:0]
Right CD Volume. Allows setting the CD right channel gain/attenuator to one of 32 levels. The LSB represents
1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
CDRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 0x76, this bit mutes the right channel
separately from the CM bit. Otherwise, this bit will always read 0 and will have no effect when set to 1.
LCV[4:0]
Left CD Volume. Allows setting the CD left channel gain/attenuator to one of 32 levels. The LSB represents
1.5 dB, and the gain range is +12 dB to –34.5 dB. The default value is 0 dB, mute enabled.
CM
CD Volume Mute. When this bit is set to 1, both the left and right channels are muted, unless the MSPLT bit in
Register 0x76 is set to 1, in which case, this mute bit will only affect the left channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com