Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 46 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 46 Page - Analog Devices

Back Button AD1985 Datasheet HTML 40Page - Analog Devices AD1985 Datasheet HTML 41Page - Analog Devices AD1985 Datasheet HTML 42Page - Analog Devices AD1985 Datasheet HTML 43Page - Analog Devices AD1985 Datasheet HTML 44Page - Analog Devices AD1985 Datasheet HTML 45Page - Analog Devices AD1985 Datasheet HTML 46Page - Analog Devices AD1985 Datasheet HTML 47Page - Analog Devices AD1985 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
AD1985
Rev. A | Page 46 of 48
OR[1:0]
Order Bits. These bits indicate the order of magnitude that the sense result Bits SR[5:0] are using. Default is 0x0.
00: 100
01: 101
10: 102
11: 103
For example, SR = 1, OR = 11; if measuring resistance, result is 1 kΩ.
SR[5:0]
Sense Result Bits. (Read-only, default 0.) These bits are used to report a vendor specific fingerprint or value. (Resistance,
impedance, reactance, etc.)
Codec ID and Clock Selection
XTL_IN
ID1
ID0
CODEC ID
CODEC CLOCKING SOURCE
GND
0
0
Secondary, ID = 3
12.288 MHz (BIT_CLK from Primary Codec)
GND
0
1
Secondary, ID = 2
12.288 MHz (BIT_CLK from Primary Codec)
GND
1
0
Secondary, ID = 1
12.288 MHz (BIT_CLK from Primary Codec)
XTAL
1
1
Primary, ID = 0
24.576 MHz (Local XTAL or External CLK into XTL_IN)
CLK Input
0
0
Primary, ID = 0
14.31818 MHZ (External into XTL_IN)
CLK Input
0
1
Primary, ID = 0
48.000 MHZ (External into XTL_IN)
CLK Input
1
X
Reserved
Reserved
Note that internally, the ID pins have weak pull-ups and are inverted.
Note also that the clock detection is done per AC ’97 Rev. 2.3 specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com