Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 43 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD1985 Datasheet HTML 39Page - Analog Devices AD1985 Datasheet HTML 40Page - Analog Devices AD1985 Datasheet HTML 41Page - Analog Devices AD1985 Datasheet HTML 42Page - Analog Devices AD1985 Datasheet HTML 43Page - Analog Devices AD1985 Datasheet HTML 44Page - Analog Devices AD1985 Datasheet HTML 45Page - Analog Devices AD1985 Datasheet HTML 46Page - Analog Devices AD1985 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
AD1985
Rev. A | Page 43 of 48
Function Select Register (Index 0x66, Page 01)
Reg Num
Name
D15
D14
D13
D12
D11
D10
D9 D8 D7 D6 D5 D4
D3
D2
D1
D0
Default
0x66
Function Select
X
X
X
X
X
X
X
X
X
X
X
FC3 FC2 FC1 FC0 T/R 0x0000
New register added for AC ’97 2.3.
Function Code Bits. (Default 0.) These bits specify the type of audio function described by this page.
0x00: DAC 1 (Master Out). Maps to line out L/R, codec Pins 35 and 36.
0x01: DAC 2 (AUX Out). Maps to surround/HP out L/R, codec Pins 39 and 41.
0x02: DAC 3 (Center/LFE). Maps to center/LFE, codec Pins 31 and 32.
0x03: S/P-DIF Out.
0x04: Phone In.
0x05: Mic 1 (Mic Select = 0).
0x06: Mic 2 (Mic Select = 1).
0x07: Line In.
0x08: CD In.
0x09: Video In.
0x0A: Aux In.
0x0B: Mono Out
0x0C to 0x0F: Reserved.
FC[3:0]
These bits are read/write and represent current AC ’97 2.3 defined I/O capabilities. Software will program the corresponding
I/O number in this field together with the tip/ring selector bit T/R. Once software programs the value and properly reads it
back to confirm selection and implementation, it will access the rest of the bit fields in the descriptor. A read-only value of 0
in this register, along with a read-only value of 0 in the IV (Register 0x68 page 01) bit, indicates the codec does not support
the information and I/O register.
Tip or Ring Selection Bit. (Default is 0.)
This bit sets which jack conductor the sense value is measured from. Software will program the corresponding ring/tip
selector bit together with the I/O number in Bits FC[3:0]. Once software programs the value and properly reads it back to
confirm selection and implementation, it will access the rest of the bit fields in the descriptor.
0: Tip
1: Ring
T/R
Mono inputs and outputs report the relevant function and sense information when T/R is set to 0 (tip).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com