Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1985 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1985
Description  AC ??7 SoundMAX Codec
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1985 Datasheet(HTML) 1 Page - Analog Devices

  AD1985 Datasheet HTML 1Page - Analog Devices AD1985 Datasheet HTML 2Page - Analog Devices AD1985 Datasheet HTML 3Page - Analog Devices AD1985 Datasheet HTML 4Page - Analog Devices AD1985 Datasheet HTML 5Page - Analog Devices AD1985 Datasheet HTML 6Page - Analog Devices AD1985 Datasheet HTML 7Page - Analog Devices AD1985 Datasheet HTML 8Page - Analog Devices AD1985 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
AC ’97 SoundMAX® Codec
AD1985
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
AC ’97 2.3 COMPLIANT FEATURES
6 DAC channels for 5.1 surround
Greater than 90 dB dynamic range
20-bit resolution on all DACs
S/PDIF Output
Integrated stereo headphone amplifiers
Variable rate audio
Double rate audio (fS = 96 kHz)
Line-level mono phone input
High quality CD mixer input
Selectable MIC input with preamp
AUX and line in stereo inputs
External amplifier power down (EAPD)
Power management modes
Jack sensing and peripheral enumeration/identification
48-lead LQFP package
ENHANCED FEATURES
Integrated parametric equalizer (EQ)
Stereo microphone with preamplifiers
Integrated PLL for system clocking
Variable sample rate 7 kHz to 96 kHz
7 kHz to 48 kHz in 1 Hz increments
96 kHz for double rate audio
Advanced jack sense with auto topology switching
Software enabled VREFOUT for microphones and external
power amp
Software enabled outputs for jack sharing
Auto down-mix and channel spreading
Microphone to mono output
Stereo microphone analog passthrough to outputs
Built-in stereo microphone and Center/LFE pin sharing
Selectable Center/LFE tip/ring swapping to support various
speaker products
FUNCTIONAL BLOCK DIAGRAM
PCM L/R
ADC RATE
PCM C/LFE
DAC RATE
PCM FRONT
DAC RATE
PCM SURR
DAC RATE
DAC
SLOT
LOGIC
ADC
SLOT
LOGIC
AC '97
CONTROL
REGISTERS
EAPD
ANALOG MIXING
CONTROL
JACK SENSE
PLL
SPDIF
TX
ID0
ID1
RESET
SYNC
BITCLK
SDATA_OUT
SDATA_IN
JS0 JS1 JS2 JS3
EAPD
16-BIT
16-BIT
Σ-∆ ADC
CODEC CORE
20-BIT
Σ-∆ DAC
20-BIT
Σ-∆ DAC
20-BIT
Σ-∆ DAC
20-BIT
Σ-∆ DAC
EQ
20-BIT
Σ-∆ DAC
EQ
20-BIT
Σ-∆ DAC
Σ-∆ ADC
M
G = GAIN
A = ATTENUATION
M = MUTE
Z = HIGH Z
M
G
M
Z
G
M
GA
MGA
M
GA
M
GA
M
GA
M
GA
G
G
M
GA
M
GA
M
GA
MMM
GA
M
GA
M
GA
M
GA
M
GA
M
GA
M
M
M
MIC1
MIC2
PHONE_IN
CD_L
CD_GND
CD_R
AUX_L
AUX_R
LINE_IN_L
CD
DIFF AMP
LINE_IN_R
MZ
A
LFE_OUT
MZ
A
CENTER_OUT
MZ
A
LINE_OUT_L
M
A
MONO_OUT
MZ
A
LINE_OUT_R
M
A
SURR_OUT_L/
HP_OUT_L
M
A
SURR_OUT_R/
HP_OUT_R
HP
HP
VREF
G
VREFOUT
VOLTAGE
REFERENCE
AD1985
XTL_OUT
XTL_IN SPDIF_OUT
PC BEEP
GENERATOR
Σ
Σ
Σ
M
A
Figure 1.


Similar Part No. - AD1985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1980 AD-AD1980 Datasheet
750Kb / 32P
SigmaDSP??3-Channel, 26-Bit Signal Processing DAC
REV. 0
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980 AD-AD1980 Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
AD1980JST AD-AD1980JST Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1980JST AD-AD1980JST Datasheet
524Kb / 32P
AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1985

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1885 AD-AD1885 Datasheet
291Kb / 27P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com