Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet (PDF) - Analog Devices

AD1885 Datasheet PDF - Analog Devices
Part # AD1885
Download  AD1885 Download
File Size   291.84 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC??7 SoundMAX Codec

AD1885 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1885 Datasheet PDF - Analog Devices

Part # AD1885
Download  AD1885 Click to download

File Size   291.84 Kbytes
Page   27 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description AC??7 SoundMAX Codec

AD1885 Datasheet (HTML) - Analog Devices


AD1885 Product details

AC’97 2.1 FEATURES
  Variable Sample Rate Audio
  Multiple Codec Configuration Options
  External Audio Power-Down Control

AC’97 FEATURES
  AC’97 2.1-Compliant
  Greater than 90 dB Dynamic Range
  Stereo Headphone Amplifier
  Multibit ΣΔ Converter Architecture for Improved S/N Ratio Greater than 90 dB
  16-Bit Stereo Full-Duplex Codec
  Four Analog Line-Level Stereo Inputs for: LINE-IN, CD, VIDEO, and AUX
  Two Analog Line-Level Mono Inputs for Speakerphone and PC BEEP
  Mono MIC Input w/Built-In 20 dB Preamp, Switchable from Two External Sources
  High Quality CD Input with Ground Sense
  Stereo Line-Level Outputs
  Mono Output for Speakerphone or Internal Speaker
  Power Management Support
  48-Terminal LQFP Package

ENHANCED FEATURES
  Full Duplex Variable Sample Rates from 7040 Hz to 48 kHz with 1 Hz Resolution
  Jack Sense Pins Provide Automatic Output Switching
  Software-Enabled VREFOUT Output for Microphones and External Power Amp
  Split Power Supplies (3.3 V Digital/5 V Analog)
  Mobile Low-Power Mixer Mode
  Extended 6-Bit Master Volume Control
  Extended 6-Bit Headphone Volume Control
  Digital Audio Mixer Mode
  PHAT™ Stereo 3D Stereo Enhancement




Similar Part No. - AD1885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
AC 97 SoundMAX Codec
REV. 0
More results


Similar Description - AD1885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
AC ??7 SoundMAX Codec
3/04-Data Sheet changed from Rev. 0 to Rev. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com