Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 4 Page - Analog Devices

  AD1885 Datasheet HTML 1Page - Analog Devices AD1885 Datasheet HTML 2Page - Analog Devices AD1885 Datasheet HTML 3Page - Analog Devices AD1885 Datasheet HTML 4Page - Analog Devices AD1885 Datasheet HTML 5Page - Analog Devices AD1885 Datasheet HTML 6Page - Analog Devices AD1885 Datasheet HTML 7Page - Analog Devices AD1885 Datasheet HTML 8Page - Analog Devices AD1885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
–4–
REV. 0
AD1885–SPECIFICATIONS
STATIC DIGITAL SPECIFICATIONS
*
Parameter
Min
Typ
Max
Unit
High-Level Input Voltage (VIH): Digital Inputs
0.65
× DV
DD
V
Low-Level Input Voltage (VIL)
0.35
× DVDD V
High-Level Output Voltage (VOH), IOH = 2 mA
0.9
× DVDD
V
Low-Level Output Voltage (VOL), IOL = 2 mA
0.1
× DV
DD
V
Input Leakage Current
–10
10
µA
Output Leakage Current
–10
10
µA
POWER SUPPLY
Parameter
Min
Typ
Max
Unit
Power Supply Range—Analog (AVDD)
4.75
5.25
V
Power Supply Range—Digital (DVDD)
3.15
3.45
V
Power Dissipation—5 V/3.3 V
355
mW
Analog Supply Current—5 V (AVDD)50
mA
Digital Supply Current—3.3 V (DVDD)21
mA
Power Supply Rejection (100 mV p-p Signal @ 1 kHz)
*
40
dB
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
CLOCK SPECIFICATIONS
Parameter
Min
Typ
Max
Unit
Input Clock Frequency
24.576
MHz
Recommended Clock Duty Cycle
40
50
60
%
POWER-DOWN MODE
*
DVDD (3.3 V)
AVDD (5 V)
Parameter
Set Bits
Typ
Typ
Unit
ADC
PR0
20
44
mA
DAC
PR1
20
41
mA
ADC and DAC
PR1, PR0
8
35
mA
ADC + DAC + Mixer (Analog CD On)
LPMIX, PR1, PR0
8
26
mA
Mixer
PR2
21
23
mA
ADC + Mixer
PR2, PR0
19
18
mA
DAC + Mixer
PR2, PR1
19
15
mA
ADC + DAC + Mixer
PR2, PR1, PR0
8
10
mA
Analog CD Only (AC-Link On)
LPMIX, PR5, PR1, PR0
7
22
mA
Analog CD Only (AC-Link Off)
LPMIX, PR1, PR0, PR4, PR5
0
12
mA
Standby
PR5, PR4, PR3, PR2, PR1, PR0
0
0.1
mA
Headphone Standby
PR6
21
38
mA
NOTES
*Guaranteed, not tested.
Output jitter is directly dependent on crystal input jitter.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com