Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1885 Datasheet HTML 9Page - Analog Devices AD1885 Datasheet HTML 10Page - Analog Devices AD1885 Datasheet HTML 11Page - Analog Devices AD1885 Datasheet HTML 12Page - Analog Devices AD1885 Datasheet HTML 13Page - Analog Devices AD1885 Datasheet HTML 14Page - Analog Devices AD1885 Datasheet HTML 15Page - Analog Devices AD1885 Datasheet HTML 16Page - Analog Devices AD1885 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
AD1885
–13–
REV. 0
Headphones Volume Registers (Index 04h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
4
0h
4
0 h
4
0 h
4
0h
4
0e
m
u
l
o
V
s
e
n
o
h
p
d
a
e
He
m
u
l
o
V
s
e
n
o
h
p
d
a
e
H
e
m
u
l
o
V
s
e
n
o
h
p
d
a
e
H
e
m
u
l
o
V
s
e
n
o
h
p
d
a
e
He
m
u
l
o
V
s
e
n
o
h
p
d
a
e
HM
P
HM
P
H M
P
H M
P
HM
P
HX
X
X
X
X5
V
H
L5
V
H
L
5
V
H
L
5
V
H
L5
V
H
L4
V
H
L4
V
H
L
4
V
H
L
4
V
H
L4
V
H
L3
V
H
L3
V
H
L
3
V
H
L
3
V
H
L3
V
H
L2
V
H
L2
V
H
L
2
V
H
L
2
V
H
L2
V
H
L1
V
H
L1
V
H
L
1
V
H
L
1
V
H
L1
V
H
L0
V
H
L0
V
H
L
0
V
H
L
0
V
H
L0
V
H
LX
X
X
X
XX
X
X
X
X5
V
H
R5
V
H
R
5
V
H
R
5
V
H
R5
V
H
R4
V
H
R4
V
H
R
4
V
H
R
4
V
H
R4
V
H
R3
V
H
R3
V
H
R
3
V
H
R
3
V
H
R3
V
H
R2
V
H
R2
V
H
R
2
V
H
R
2
V
H
R2
V
H
R1
V
H
R1
V
H
R
1
V
H
R
1
V
H
R1
V
H
R0
V
H
R0
V
H
R
0
V
H
R
0
V
H
R0
V
H
Rh
0
0
0
8h
0
0
0
8
h
0
0
0
8
h
0
0
0
8h
0
0
0
8
RHV[5:0]
Right Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the out-
put from +6 dB to a maximum attenuation of –88.5 dB.
LHV[5:0]
Left Headphone Volume Control. The least significant bit represents 1.5 dB. This register controls the output
from +6 dB to a maximum attenuation of –88.5 dB.
HPM
Headphone Volume Mute. When this bit is set to “1,” the channel is muted.
HPM
xHV5 . . . xHV0
Function
0
00 0000
6 dB Gain
0
01 1111
–40.5 dB Attenuation
0
11 1111
–88.5 dB Attenuation
1
xx xxxx
–
∞ dB Attenuation
Master Volume Mono (Index 06h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
6
0h
6
0 h
6
0 h
6
0h
6
0
e
m
u
l
o
V
r
e
t
s
a
Me
m
u
l
o
V
r
e
t
s
a
M
e
m
u
l
o
V
r
e
t
s
a
M
e
m
u
l
o
V
r
e
t
s
a
Me
m
u
l
o
V
r
e
t
s
a
M
o
n
o
Mo
n
o
M
o
n
o
M
o
n
o
Mo
n
o
M
M
M
MM
M
M
M
M
M
M
M
MM
M
MX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X4
V
M
M4
V
M
M
4
V
M
M
4
V
M
M4
V
M
M3
V
M
M3
V
M
M
3
V
M
M
3
V
M
M3
V
M
M2
V
M
M2
V
M
M
2
V
M
M
2
V
M
M2
V
M
M1
V
M
M1
V
M
M
1
V
M
M
1
V
M
M1
V
M
M0
V
M
M0
V
M
M
0
V
M
M
0
V
M
M0
V
M
Mh
0
0
0
8h
0
0
0
8
h
0
0
0
8
h
0
0
0
8h
0
0
0
8
MMV[4:0]
Mono Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of 46.5 dB.
MMM
Mono Master Volume Mute. When this bit is set to “1,” the channel is muted.
PC Beep Register (Index 0Ah)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
A
0h
A
0 h
A
0 h
A
0h
A
0e
m
u
l
o
V
P
E
E
B
_
C
Pe
m
u
l
o
V
P
E
E
B
_
C
P
e
m
u
l
o
V
P
E
E
B
_
C
P
e
m
u
l
o
V
P
E
E
B
_
C
Pe
m
u
l
o
V
P
E
E
B
_
C
PM
C
PM
C
P M
C
P M
C
PM
C
PX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
X3
V
C
P3
V
C
P
3
V
C
P
3
V
C
P3
V
C
P2
V
C
P2
V
C
P
2
V
C
P
2
V
C
P2
V
C
P1
V
C
P1
V
C
P
1
V
C
P
1
V
C
P1
V
C
P0
V
C
P0
V
C
P
0
V
C
P
0
V
C
P0
V
C
PX
X
X
X
Xh
0
0
0
8h
0
0
0
8
h
0
0
0
8
h
0
0
0
8h
0
0
0
8
PCV[3:0]
PC Beep Volume Control. The least significant bit represents 3 dB attenuation. This register controls the output
from 0 dB to a maximum attenuation of –45 dB. The PC Beep is routed to Left and Right Line outputs even when
AD1885 is in a
RESET state. This is so that Power-On Self-Test (POST) codes can be heard by the user in case
of a hardware problem with the PC.
PCM
PC Beep Mute. When this bit is set to “1,” the channel is muted.
PCM
PCV3 . . . PCV0
Function
0
0000
0 dB Attenuation
0
1111
–45 dB Attenuation
1
xxxx
∞ dB Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com