Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices AD1885 Datasheet HTML 21Page - Analog Devices AD1885 Datasheet HTML 22Page - Analog Devices AD1885 Datasheet HTML 23Page - Analog Devices AD1885 Datasheet HTML 24Page - Analog Devices AD1885 Datasheet HTML 25Page - Analog Devices AD1885 Datasheet HTML 26Page - Analog Devices AD1885 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
AD1885
–24–
REV. 0
L1 600Z
L2 600Z
C4
470pF
OPTIONAL EMC
COMPONENTS
+
+
NOTE: LOCATE R1 AND C1 CLOSE TO CODEC.
JACK SENSE
TO CODEC JS1 (PIN 48)
FROM CODEC HP_OUT_R (PIN 41)
FROM CODEC HP_OUT_L (PIN 39)
HEADPHONE OUT
1
2
3
4
5
J1
C5
470pF
D1
MMBD914
Figure 11. Jack Sense Connection to HP_OUT Jack, Using Nonisolated Switch
LINE_ OUT Jack
Although not shown, if a LINE_OUT jack is used and the jack sense functionality is desired, the LINE_OUT jack should be wired
in a similar configuration as shown above for the HP_OUT jack (preferably Figure 10). The LINE_OUT jack should normally
be connected to the JS0 input, in order to mute the MONO_OUT signal. We recommend that in this case the output coupling
caps (C2, C3) be set to 2.2
µF. All other values should be kept the same.
APPLICATION CIRCUITS
CD-ROM CONNECTIONS
Typical CD-ROM drives generate 2 V rms output and require a voltage divider for compatibility with the Codec input (1 V rms
range). The recommended circuit is basically a group of divide-by-two voltage dividers as shown on Figure 12.
The CD_GND_REF pin is used to cancel differential ground noise from the CD-ROM. For optimum noise cancellation, this sec-
tion of the divider should have approximately half the impedance of the right and left channel section dividers.
1
2
3
4
HEADER FOR
CD ROM AUDIO
(LGGR)
VOLTAGE DIVIDER
AC-COUPLING
TO CODEC CD_L INPUT
TO CODEC CD_GND_REF INPUT
TO CODEC CD_R INPUT
Figure 12. Typical CD-ROM Audio Connections
LINE_IN, AUX AND VIDEO INPUT CONNECTIONS
Most of these audio sources also generate 2 V rms audio level and require a –6 dB input voltage divider to be compatible with the
Codec inputs. Figure 13 shows the recommended application circuit. For applications requiring EMC compliance, the EMC com-
ponents should be configured and selected to provide adequate RF immunity and emissions control.
VOLTAGE DIVIDER
AC-COUPLING
TO CODEC RIGHT CHANNEL INPUT
TO CODEC LEFT CHANNEL INPUT
LINE/AUX/VIDEO INPUT
1
2
3
4
5
J1
EMC
COMPONENTS
C1
470pF
C2
470pF
L2 600Z
L1 600Z
Figure 13. LINE_IN, AUX, and Video Input Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com