Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 22 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD1885 Datasheet HTML 18Page - Analog Devices AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices AD1885 Datasheet HTML 21Page - Analog Devices AD1885 Datasheet HTML 22Page - Analog Devices AD1885 Datasheet HTML 23Page - Analog Devices AD1885 Datasheet HTML 24Page - Analog Devices AD1885 Datasheet HTML 25Page - Analog Devices AD1885 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
AD1885
–22–
REV. 0
APPLICATIONS CIRCUITS
The AD1885 has been designed to require a minimum amount of external circuitry. The recommended applications circuits are shown in
Figures 9–18. Reference designs for the AD1885 are available and may be obtained by contacting your local Analog Devices
sales representative or authorized distributor. Example shell programs for establishing a communications path between the AD1885
and an ADSP-21xx or ADSP-21xxx are also available.
Figure 9. Recommended One-Codec PWR/Decoupling and AC‘97 Connections
LINE_OUT_R
LINE_OUT_L
CX3D
RX3D
FILT_L
FILT_R
AFILT2
AFILT1
VREFOUT
VREF
AVSS1
AVDD1
AD1885
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
+
AVDD
47nF
+
+
AVDD
270pF NPO
270pF NPO
+
47pF
PC_BEEP
22pF
22pF
24.576MHz
+
DVDD
NOTE:
IF NOT USED, GROUND
JACK SENSE PINS.
NOTE:
ALL “UNUSED” ANALOG INPUTS
(LINE_IN_L/R, AUX_L/R, VIDEO_L/R,
MIC1, MIC2, PC_BEEP, PHONE_IN
AND CD_L/R/GND) MUST BE LEFT
UNCONNECTED.
FB 600Z
10k
DVDD1
XTL_IN
XTL_OUT
DVSS1
SDATA_OUT
BIT_CLK
DVSS2
SDATA_IN
DVDD2
SYNC
RESET
PC_BEEP
SDATA_OUT
SDATA_IN
SYNC
RESET
BIT_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com