Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1885 Datasheet HTML 8Page - Analog Devices AD1885 Datasheet HTML 9Page - Analog Devices AD1885 Datasheet HTML 10Page - Analog Devices AD1885 Datasheet HTML 11Page - Analog Devices AD1885 Datasheet HTML 12Page - Analog Devices AD1885 Datasheet HTML 13Page - Analog Devices AD1885 Datasheet HTML 14Page - Analog Devices AD1885 Datasheet HTML 15Page - Analog Devices AD1885 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
AD1885
–12–
REV. 0
Reset (Index 00h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
0
0h
0
0 h
0
0 h
0
0h
0
0t
e
s
e
Rt
e
s
e
R
t
e
s
e
R
t
e
s
e
Rt
e
s
e
RX
X
X
X
X4
E
S4
E
S 4
E
S 4
E
S4
E
S3
E
S3
E
S 3
E
S 3
E
S3
E
S2
E
S2
E
S 2
E
S 2
E
S2
E
S1
E
S1
E
S 1
E
S 1
E
S1
E
S0
E
S0
E
S 0
E
S 0
E
S0
E
S9
D
I9
D
I 9
D
I 9
D
I9
D
I8
D
I8
D
I 8
D
I 8
D
I8
D
I7
D
I7
D
I 7
D
I 7
D
I7
D
I6
D
I6
D
I 6
D
I 6
D
I6
D
I5
D
I5
D
I 5
D
I 5
D
I5
D
I4
D
I4
D
I 4
D
I 4
D
I4
D
I3
D
I3
D
I 3
D
I 3
D
I3
D
I2
D
I2
D
I 2
D
I 2
D
I2
D
I1
D
I1
D
I 1
D
I 1
D
I1
D
I0
D
I0
D
I 0
D
I 0
D
I0
D
Ih
0
1
4
0h
0
1
4
0
h
0
1
4
0
h
0
1
4
0h
0
1
4
0
Note: Writing any value to this register performs a register reset, which causes all registers to revert to their default values (except
74h, which forces the serial configuration). Reading this register returns the ID code of the part and a code for the type of 3D Stereo
Enhancement.
ID[9:0] Identify Capability. The ID decodes the capabilities of AD1885 based on the following:
Bit = 1
Function
AD1885
ID0
Dedicated MIC PCM In Channel
0
ID1
Modem Line Codec Support
0
ID2
Bass and Treble Control
0
ID3
Simulated Stereo (Mono to Stereo)
0
ID4
Headphone Out Support
1
ID5
Loudness (Bass Boost) Support
0
ID6
18-Bit DAC Resolution
0
ID7
20-Bit DAC Resolution
0
ID8
18-Bit ADC Resolution
0
ID9
20-Bit ADC Resolution
0
SE[4:0]
Stereo Enhancement. The 3D stereo enhancement identifies the Analog Devices 3D stereo enhancement.
Master Volume Registers (Index 02h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
2
0h
2
0 h
2
0 h
2
0h
2
0
r
e
t
s
a
Mr
e
t
s
a
M
r
e
t
s
a
M
r
e
t
s
a
Mr
e
t
s
a
M
e
m
u
l
o
Ve
m
u
l
o
V
e
m
u
l
o
V
e
m
u
l
o
Ve
m
u
l
o
V
M
MM
MM
MM
MM
MX
X
X
X
X5
V
M
L5
V
M
L
5
V
M
L
5
V
M
L5
V
M
L4
V
M
L4
V
M
L
4
V
M
L
4
V
M
L4
V
M
L3
V
M
L3
V
M
L
3
V
M
L
3
V
M
L3
V
M
L2
V
M
L2
V
M
L
2
V
M
L
2
V
M
L2
V
M
L1
V
M
L1
V
M
L
1
V
M
L
1
V
M
L1
V
M
L0
V
M
L0
V
M
L
0
V
M
L
0
V
M
L0
V
M
LX
X
X
X
XX
X
X
X
X5
V
M
R5
V
M
R
5
V
M
R
5
V
M
R5
V
M
R4
V
M
R4
V
M
R
4
V
M
R
4
V
M
R4
V
M
R3
V
M
R3
V
M
R
3
V
M
R
3
V
M
R3
V
M
R2
V
M
R2
V
M
R
2
V
M
R
2
V
M
R2
V
M
R1
V
M
R1
V
M
R
1
V
M
R
1
V
M
R1
V
M
R0
V
M
R0
V
M
R
0
V
M
R
0
V
M
R0
V
M
Rh
0
0
0
8h
0
0
0
8
h
0
0
0
8
h
0
0
0
8h
0
0
0
8
RMV[5:0]
Right Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from
0 dB to a maximum attenuation of –94.5 dB.
LMV[5:0]
Left Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to
a maximum attenuation of –94.5 dB.
MM
Master Volume Mute. When this bit is set to “1,” the channel is muted.
MM
xMV5 . . . xMV0
Function
0
00 0000
0 dB Attenuation
0
01 1111
–46.5 dB Attenuation
0
11 1111
–94.5 dB Attenuation
1
xx xxxx
–
∞ dB Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com