Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 1 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 1 Page - Analog Devices

  AD1885 Datasheet HTML 1Page - Analog Devices AD1885 Datasheet HTML 2Page - Analog Devices AD1885 Datasheet HTML 3Page - Analog Devices AD1885 Datasheet HTML 4Page - Analog Devices AD1885 Datasheet HTML 5Page - Analog Devices AD1885 Datasheet HTML 6Page - Analog Devices AD1885 Datasheet HTML 7Page - Analog Devices AD1885 Datasheet HTML 8Page - Analog Devices AD1885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1885
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
AC’97 SoundMAX® Codec
FUNCTIONAL BLOCK DIAGRAM
AC’97 2.1 FEATURES
Variable Sample Rate Audio
Multiple Codec Configuration Options
External Audio Power-Down Control
AC’97 FEATURES
AC’97 2.1-Compliant
Greater than 90 dB Dynamic Range
Stereo Headphone Amplifier
Multibit
Converter Architecture for Improved S/N
Ratio Greater than 90 dB
16-Bit Stereo Full-Duplex Codec
Four Analog Line-Level Stereo Inputs for:
LINE-IN, CD, VIDEO, and AUX
Two Analog Line-Level Mono Inputs for Speakerphone
and PC BEEP
Mono MIC Input w/Built-In 20 dB Preamp, Switchable
from Two External Sources
High Quality CD Input with Ground Sense
Stereo Line-Level Outputs
Mono Output for Speakerphone or Internal Speaker
Power Management Support
48-Terminal LQFP Package
ENHANCED FEATURES
Full Duplex Variable Sample Rates from 7040 Hz to
48 kHz with 1 Hz Resolution
Jack Sense Pins Provide Automatic Output Switching
Software-Enabled VREFOUT Output for Microphones and
External Power Amp
Split Power Supplies (3.3 V Digital/5 V Analog)
Mobile Low-Power Mixer Mode
Extended 6-Bit Master Volume Control
Extended 6-Bit Headphone Volume Control
Digital Audio Mixer Mode
PHAT™ Stereo 3D Stereo Enhancement
SoundPort is a registered trademark and PHAT is a trademark of Analog Devices, Inc.
G
A
M
G
A
M
G
A
M
SYNC
BIT_CLK
PHAT
STEREO
G
A
M
A
M
AD1885
16-BIT
D/A
CONVERTER
G = GAIN
A = ATTENUATE
M = MUTE
MV = MASTER VOLUME
HV = HEADPHONE VOLUME
OSCILLATOR
XTL_OUT XTL_IN
SDATA_IN
SDATA_OUT
G
A
M
G
A
M
G
A
M
16-BIT
D/A
CONVERTER
PHAT
STEREO
MMV
0dB/
20dB
PGA
PGA
16-BIT
A/D
CONVERTER
16-BIT
A/D
CONVERTER
SAMPLE
RATE
GENERATORS
HV
JACK SENSES
AND EAPD CTRL
CHIP SELECT
JS0/EAPD
JS1
VREFOUT
MIC1
MIC2
AUX
CD
VIDEO
LINE_OUT_L
MONO_OUT
LINE
PHONE_IN
LINE_OUT_R
PC_BEEP
HP_OUT_R
HP_OUT_L
HV
G
A
M
NC
NC
VREF
MV
MV
POP
POP
ID0
ID1
RESET


Similar Part No. - AD1885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
AC 97 SoundMAX Codec
REV. 0
More results

Similar Description - AD1885

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1881A AD-AD1881A Datasheet
261Kb / 26P
AC??7 SoundMAX Codec
AD1886A AD-AD1886A Datasheet
281Kb / 28P
AC??7 SoundMAX Codec
AD1887 AD-AD1887 Datasheet
150Kb / 16P
AC??7 SoundMAX Codec
AD1981B AD-AD1981B Datasheet
499Kb / 28P
AC ??7 SoundMAX Codec
6/03-Data Sheet changed from REV. A to REV. B.
AD1980 AD-AD1980 Datasheet
1Mb / 32P
AC ??7 SoundMAX Codec
REV.0
AD1981A AD-AD1981A Datasheet
183Kb / 24P
AC ??7 SoundMAX Codec
REV.0
AD1985 AD-AD1985 Datasheet
357Kb / 48P
AC ??7 SoundMAX Codec
3/04-Data Sheet changed from Rev. 0 to Rev. A
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
AD1986 AD-AD1986 Datasheet
1Mb / 52P
AC ??7 SoundMAX CODEC
10/04-Revision 0
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
AC 97 SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com