Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 2 Page - Analog Devices

  AD1885 Datasheet HTML 1Page - Analog Devices AD1885 Datasheet HTML 2Page - Analog Devices AD1885 Datasheet HTML 3Page - Analog Devices AD1885 Datasheet HTML 4Page - Analog Devices AD1885 Datasheet HTML 5Page - Analog Devices AD1885 Datasheet HTML 6Page - Analog Devices AD1885 Datasheet HTML 7Page - Analog Devices AD1885 Datasheet HTML 8Page - Analog Devices AD1885 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
–2–
REV. 0
AD1885–SPECIFICATIONS
ANALOG INPUT
Parameter
Min
Typ
Max
Unit
Input Voltage (RMS Values Assume Sine Wave Input)
LINE_IN, AUX, CD, VIDEO, PHONE_IN, PC_BEEP
1
V rms
2.83
V p-p
MIC with 20 dB Gain (M20 = 1)
0.1
V rms
0.283
V p-p
MIC with 0 dB Gain (M20 = 0)
1
V rms
2.83
V p-p
Input Impedance
*
20
k
Ω
Input Capacitance
*
5
7.5
pF
MASTER VOLUME
Parameter
Min
Typ
Max
Unit
Step Size (0 dB to –94.5 dB); LINE_OUT_L, LINE_OUT_R
1.5
dB
Output Attenuation Range Span
*
–94.5
dB
Step Size (0 dB to –46.5 dB); MONO_OUT
1.5
dB
Output Attenuation Range Span
*
–46.5
dB
Step Size (+6 dB to –88.5 dB); HP_OUT_R, HP_OUT_L
1.5
dB
Output Attenuation Range Span
*
–94.5
dB
Mute Attenuation of 0 dB Fundamental
*
80
dB
PROGRAMMABLE GAIN AMPLIFIER—ADC
Parameter
Min
Typ
Max
Unit
Step Size (0 dB to 22.5 dB)
1.5
dB
PGA Gain Range Span
22.5
dB
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Parameter
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
CD to LINE_OUT
90
dB
Other to LINE_OUT
90
dB
Step Size (+12 dB to –34.5 dB): (All Steps Tested)
MIC, LINE_IN, AUX, CD, VIDEO, PHONE_IN, DAC
1.5
dB
Input Gain/Attenuation Range: MIC, LINE, AUX, CD, VIDEO, PHONE_IN, DAC
–46.5
dB
Step Size (0 dB to –45 dB): (All Steps Tested) PC_BEEP
3.0
dB
Input Gain/Attenuation Range: PC_BEEP
–45
dB
* Guaranteed, not tested.
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
Temperature
25
°C
Digital Supply (DVDD)
3.3
V
Analog Supply (AVDD)
5.0
V
Sample Rate (FS)
48
kHz
Input Signal
1008
Hz
Analog Output Passband
20 Hz to 20 kHz
DAC Test Conditions
Calibrated
–3 dB Attenuation Relative to Full Scale
Input 0 dB
10 k
Ω Output Load (LINE_OUT)
32
Ω Output Load (HP_OUT)
ADC Test Conditions
Calibrated
0 dB Gain
Input –3.0 dB Relative to Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com