Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices AD1885 Datasheet HTML 21Page - Analog Devices AD1885 Datasheet HTML 22Page - Analog Devices AD1885 Datasheet HTML 23Page - Analog Devices AD1885 Datasheet HTML 24Page - Analog Devices AD1885 Datasheet HTML 25Page - Analog Devices AD1885 Datasheet HTML 26Page - Analog Devices AD1885 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
AD1885
–25–
REV. 0
MICROPHONE CONNECTIONS
The AD1885 contains an internal microphone preamp with 20 dB gain; in most cases a direct microphone connection as shown in
Figure 14 is adequate. If the microphone level is too low, an external preamp can be added as shown in Figure 15. In either case the
microphone bias can be derived from the Codec’s internal reference (VREFOUT) using a 2.2 k
Ω resistor. For the preamp circuit,
the VREFOUT signal can also provide the midpoint bias for the amplifier.
To meet the PC99 1.0A requirements, the MIC signal should be placed on the microphone jack tip and the bias on the ring. This
configuration supports electret microphones with three conductor plugs, as well as dynamic microphones with two conductor plugs
(ring and sleeve shorted together).
Additional filtering may be required to limit the microphone response to the audio band of interest.
AC-COUPLING
TO CODEC MIC1 OR MIC2 INPUT
FROM CODEC VREFOUT
MIC INPUT
1
2
3
4
5
J1
EMC
COMPONENTS
C1
470pF
C2
470pF
L2 600Z
L1 600Z
MIC BIAS
Figure 14. Recommended Microphone Input Connections
4
TO CODEC MIC1 OR MIC2 INPUT
FROM CODEC VREFOUT
AC-COUPLING
MIC INPUT
1
2
3
4
5
J1
EMC
COMPONENTS
C1
470pF
C2
470pF
L2 600Z
L1 600Z
MIC BIAS
AVDD
U1
PREAMP
AD8531
Figure 15. Microphone with Additional External Preamp (20 dB Gain)
LINE OUTPUT CONNECTIONS
The AD1885 Codec provides stereo LINE_OUT signals at a standard 1 V rms level. These signals must be ac-coupled before they
can be connected to an external load. After the ac-coupling, a minimal resistive load is recommend to keep the capacitors properly
biased and reduce click and pop when plugging stereo equipment into the output jack. The capacitor values should be selected to
provide a desired frequency response, taking into account the nominal impedance of the external load. To meet the PC99 specifica-
tion for PCs, testing must be performed with a 10 k
Ω load, therefore a 1 µF value is recommended to achieve less than –3 dB
roll-off at 20 Hz.
FROM CODEC LINE_OUT_R
FROM CODEC LINE_OUT_L
AC-COUPLING
J1
EMC
COMPONENTS
C2
470pF
C1
470pF
L1 600Z
L2 600Z
STEREO LINE_OUT JACK
NOTE:
IF AN OUTPUT AMP IS USED,THE
AC-COUPLING CAP VALUES WILL
DEPENDEND ON THE AMP DESIGN.
Figure 16. Recommended LINE_OUT Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com