Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1885 Datasheet(PDF) 18 Page - Analog Devices

Part # AD1885
Description  AC??7 SoundMAX Codec
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1885 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD1885 Datasheet HTML 14Page - Analog Devices AD1885 Datasheet HTML 15Page - Analog Devices AD1885 Datasheet HTML 16Page - Analog Devices AD1885 Datasheet HTML 17Page - Analog Devices AD1885 Datasheet HTML 18Page - Analog Devices AD1885 Datasheet HTML 19Page - Analog Devices AD1885 Datasheet HTML 20Page - Analog Devices AD1885 Datasheet HTML 21Page - Analog Devices AD1885 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
AD1885
–18–
REV. 0
Subsection Ready Register (Index 26h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
6
2h
6
2 h
6
2 h
6
2h
6
2t
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
Pt
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
P
t
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
P
t
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
Pt
a
t
S
/
l
r
t
n
C
n
w
o
D
-
r
e
w
o
PD
P
A
ED
P
A
E
D
P
A
E
D
P
A
ED
P
A
E6
R
P6
R
P 6
R
P 6
R
P6
R
P5
R
P5
R
P 5
R
P 5
R
P5
R
P4
R
P4
R
P 4
R
P 4
R
P4
R
P3
R
P3
R
P 3
R
P 3
R
P3
R
P2
R
P2
R
P 2
R
P 2
R
P2
R
P1
R
P1
R
P 1
R
P 1
R
P1
R
P0
R
P0
R
P 0
R
P 0
R
P0
R
PX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XF
E
RF
E
R F
E
R F
E
RF
E
RL
N
AL
N
A L
N
A L
N
AL
N
AC
A
DC
A
D C
A
D C
A
DC
A
DC
D
AC
D
A C
D
A C
D
AC
D
Ah
x
0
0
0h
x
0
0
0
h
x
0
0
0
h
x
0
0
0h
x
0
0
0
Note: The ready bits are read only, writing to REF, ANL, DAC, ADC will have no effect. These bits indicate the status for the
AD1885 subsections. If the bit is a one, then that subsection is “ready.” Ready is defined as the subsection able to perform in
its nominal state.
ADC
ADC section ready to transmit data.
DAC
DAC section ready to accept data.
ANL
Analog gainuators, attenuators, and mixers ready.
REF
Voltage References, VREF and VREFOUT up to nominal level.
PR[5:0]
AD1885 Power-Down Modes. The first three bits are to be used individually rather than in combination with each
other. The last bit PR3 can be used in combination with PR2 or by itself. The mixer and reference cannot be
powered down via PR3 unless the ADCs and DACs are also powered down. Nothing else can be powered up until
the reference is up.
PR0 – Power-Down ADC
PR1 – Power-Down DAC
PR2 – Power-Down Analog Mixer
PR3 – Power-Down VREF and VREFOUT
PR4 – Power-Down AC-Link
PR5 – Power-Down Internal Clock
PR6 – Power-Down Headphone
EAPD – External AMP Power-Down Control Signal
PR5 has no effect unless all ADCs, DACs, and the AC-Link are powered down. The reference and the mixer can
either be up or down, but all power-up sequences must be allowed to run to completion before PR5 and PR4 are
both set.
In multiple-codec systems, the master codec’s PR5 and PR4 bits control the slave codec. PR5 is also effective in
the slave codec if the master’s PR5 bit is clear, but the PR4 bit has no effect except to enable or disable PR5.
Power-Down State
EAPD PR6
PR5
PR4
PR3
PR2
PR1
PR0
ADC Power-Down
X
0
0
0
0
0
0
1
DAC Power-Down
X
0
0
0
0
0
1
0
ADC and DAC Power-Down
X
0
0
0
0
0
1
1
Mixer Power-Down
X
0
0
0
0
1
0
0
ADC + Mixer Power-Down
X
0
0
0
0
1
0
1
DAC + Mixer Power-Down
X
0
0
0
0
1
1
0
ADC + DAC + Mixer Power-Down
X
0
0
0
0
1
1
1
Standby
X
1
1
1
1
1
1
1
Extended Audio ID Register (Index 28h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
8
2h
8
2 h
8
2 h
8
2h
8
2D
I
o
i
d
u
A
d
e
d
n
e
t
x
ED
I
o
i
d
u
A
d
e
d
n
e
t
x
E
D
I
o
i
d
u
A
d
e
d
n
e
t
x
E
D
I
o
i
d
u
A
d
e
d
n
e
t
x
ED
I
o
i
d
u
A
d
e
d
n
e
t
x
E1
D
I1
D
I 1
D
I 1
D
I1
D
I0
D
I0
D
I 0
D
I 0
D
I0
D
IX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XA
R
VA
R
V A
R
V A
R
VA
R
Vh
1
0
0
0h
1
0
0
0
h
1
0
0
0
h
1
0
0
0h
1
0
0
0
Note: The Extended Audio ID is a read only register.
VRA
Variable Rate Audio. VRA = 1 indicates support for Variable Rate Audio.
ID[1:0]
ID1, ID0 is a 2-bit field that indicates the codec configuration: Primary is 00; Secondary is 01.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com