Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1887 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1887
Description  AC??7 SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1887 Datasheet(HTML) 2 Page - Analog Devices

  AD1887 Datasheet HTML 1Page - Analog Devices AD1887 Datasheet HTML 2Page - Analog Devices AD1887 Datasheet HTML 3Page - Analog Devices AD1887 Datasheet HTML 4Page - Analog Devices AD1887 Datasheet HTML 5Page - Analog Devices AD1887 Datasheet HTML 6Page - Analog Devices AD1887 Datasheet HTML 7Page - Analog Devices AD1887 Datasheet HTML 8Page - Analog Devices AD1887 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. 0
–2–
AD1887–SPECIFICATIONS
ANALOG INPUT
Parameter
Min
Typ
Max
Unit
Input Voltage (RMS Values Assume Sine Wave Input)
LINE_IN, CD
1V rms
2.83
V p-p
MIC with 20 dB Gain
0.1
V rms
0.283
V p-p
MIC with 0 dB Gain
1V rms
2.83
V p-p
Input Impedance*
20
k
Ω
Input Capacitance*
5
7.5
pF
HEADPHONE OUT VOLUME
Parameter
Min
Typ
Max
Unit
Step Size (+6 dB to –88.5 dB); HP_OUT_R, HP_OUT_L
1.5
dB
Output Attenuation Range Span*
–94.5
dB
Mute Attenuation of 0 dB Fundamental*
80
dB
PROGRAMMABLE GAIN AMPLIFIER—ADC
Parameter
Min
Typ
Max
Unit
Step Size (0 dB to 22.5 dB)
1.5
dB
PGA Gain Range Span
22.5
dB
ANALOG MIXER—INPUT GAIN/AMPLIFIERS/ATTENUATORS
Parameter
Min
Typ
Max
Unit
Signal-to-Noise Ratio (SNR)
CD to HP_OUT
90
dB
Other to HP_OUT
90
dB
Step Size (+12 dB to –34.5 dB): (All Steps Tested)
MIC, LINE_IN, CD, DAC
1.5
dB
Input Gain/Attenuation Range:
MIC, LINE_IN, CD, DAC
–46.5
dB
DIGITAL DECIMATION AND INTERPOLATION FILTERS
*
Parameter
Min
Typ
Max
Unit
Pass Band
0
0.4
× fS
Hz
Pass-Band Ripple
±0.09
dB
Transition Band
0.4
× fS
0.6
× fS
Hz
Stop Band
0.6
× fS
∞
Hz
Stop-Band Rejection
–74
dB
Group Delay
12/fS
sec
Group Delay Variation over Pass Band
0.0
µs
*Guaranteed but not tested.
STANDARD TEST CONDITIONS UNLESS OTHERWISE NOTED
Temperature
25
°C
Digital Supply (VDD)
3.3 V
Analog Supply (VCC)
5.0 V
Sample Rate (fS)
48 kHz
Input Signal
1008 Hz
Analog Output Pass Band
20 Hz to 20 kHz
VIH
2.0 V
VIL
0.8 V
VIH (CS0, CS1)
4.0 V
VIL
1.0 V
DAC Test Conditions
Calibrated
–3 dB Attenuation Relative to Full Scale
Input 0 dB
32
Ω Output Load (HP_OUT)
ADC Test Conditions
Calibrated
0 dB Gain
Input –3.0 dB Relative to Full Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com