Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1887 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1887
Description  AC??7 SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1887 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1887 Datasheet HTML 8Page - Analog Devices AD1887 Datasheet HTML 9Page - Analog Devices AD1887 Datasheet HTML 10Page - Analog Devices AD1887 Datasheet HTML 11Page - Analog Devices AD1887 Datasheet HTML 12Page - Analog Devices AD1887 Datasheet HTML 13Page - Analog Devices AD1887 Datasheet HTML 14Page - Analog Devices AD1887 Datasheet HTML 15Page - Analog Devices AD1887 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. 0
AD1887
–13–
Extended Audio ID Register (Index 28h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
8
2h
8
2 h
8
2 h
8
2h
8
2D
I
o
i
d
u
A
d
e
d
n
e
t
x
ED
I
o
i
d
u
A
d
e
d
n
e
t
x
E
D
I
o
i
d
u
A
d
e
d
n
e
t
x
E
D
I
o
i
d
u
A
d
e
d
n
e
t
x
ED
I
o
i
d
u
A
d
e
d
n
e
t
x
E1
D
I1
D
I
1
D
I
1
D
I1
D
I0
D
I0
D
I
0
D
I
0
D
I0
D
IX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XA
R
VA
R
V
A
R
V
A
R
VA
R
Vh
1
0
0
0h
1
0
0
0
h
1
0
0
0
h
1
0
0
0h
1
0
0
0
Note: The Extended Audio ID is a read only register.
VRA
Variable Rate Audio. VRA = 1 indicates support for Variable Rate Audio.
ID[1:0]
ID1, ID0 is a 2-bit field which indicates the codec configuration: Primary is 00; Secondary is 01, 10, or 11.
Extended Audio Status and Control Register (Index 2Ah)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
h
A
2h
A
2
h
A
2
h
A
2h
A
2l
r
t
C
/
t
a
t
S
o
i
d
u
A
d
'
t
x
El
r
t
C
/
t
a
t
S
o
i
d
u
A
d
'
t
x
E
l
r
t
C
/
t
a
t
S
o
i
d
u
A
d
'
t
x
E
l
r
t
C
/
t
a
t
S
o
i
d
u
A
d
'
t
x
El
r
t
C
/
t
a
t
S
o
i
d
u
A
d
'
t
x
EX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XX
X
X
X
XA
R
VA
R
V
A
R
V
A
R
VA
R
Vh
0
0
0
0h
0
0
0
0
h
0
0
0
0
h
0
0
0
0h
0
0
0
0
Note: The Extended Audio Status and Control Register is a read/write register that provides status and control of the extended audio
features.
VRA
Variable Rate Audio. VRA = 1 indicates support for Variable Rate Audio mode (sample rate control registers and
SLOTREQ signaling).
PCM DAC Rate Register (Index 2Ch)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
)
h
A
7
(
/
h
C
2)
h
A
7
(
/
h
C
2
)
h
A
7
(
/
h
C
2
)
h
A
7
(
/
h
C
2)
h
A
7
(
/
h
C
2e
t
a
R
C
A
D
M
C
Pe
t
a
R
C
A
D
M
C
P
e
t
a
R
C
A
D
M
C
P
e
t
a
R
C
A
D
M
C
Pe
t
a
R
C
A
D
M
C
P5
1
R
S5
1
R
S
5
1
R
S
5
1
R
S5
1
R
S4
1
R
S4
1
R
S
4
1
R
S
4
1
R
S4
1
R
S3
1
R
S3
1
R
S
3
1
R
S
3
1
R
S3
1
R
S2
1
R
S2
1
R
S
2
1
R
S
2
1
R
S2
1
R
S1
1
R
S1
1
R
S
1
1
R
S
1
1
R
S1
1
R
S0
1
R
S0
1
R
S
0
1
R
S
0
1
R
S0
1
R
S9
R
S9
R
S
9
R
S
9
R
S9
R
S8
R
S8
R
S
8
R
S
8
R
S8
R
S7
R
S7
R
S
7
R
S
7
R
S7
R
S6
R
S6
R
S
6
R
S
6
R
S6
R
S5
R
S5
R
S
5
R
S
5
R
S5
R
S4
R
S4
R
S
4
R
S
4
R
S4
R
S3
R
S3
R
S
3
R
S
3
R
S3
R
S2
R
S2
R
S
2
R
S
2
R
S2
R
S1
R
S1
R
S
1
R
S
1
R
S1
R
S0
R
S0
R
S
0
R
S
0
R
S0
R
Sh
0
8
B
Bh
0
8
B
B
h
0
8
B
B
h
0
8
B
Bh
0
8
B
B
Note: 2Ch is an alias for 7Ah. The VRA bit in register 2Ah must be set for the alias to work; if a zero is written to VRA then both
sample rates are reset to 48 kHz.
SR[15:0]
Writing to this register allows programming of the sampling frequency from 7 kHz (1B58h) to 48 kHz (BB80h) in
1 Hz increments. Programming a value outside of the range 7040 Hz (1b80h) to 48000 Hz (bb80h) causes the
codec to saturate. For all rates, if the value written to the register is supported that value will be echoed back when
read, otherwise the closest rate supported is returned.
PCM ADC Rate Register (Index 32h)
g
e
Rg
e
R g
e
R g
e
Rg
e
R
m
u
Nm
u
N m
u
N m
u
Nm
u
N
e
m
a
Ne
m
a
N
e
m
a
N
e
m
a
Ne
m
a
N5
1
D5
1
D 5
1
D 5
1
D5
1
D4
1
D4
1
D 4
1
D 4
1
D4
1
D3
1
D3
1
D 3
1
D 3
1
D3
1
D2
1
D2
1
D 2
1
D 2
1
D2
1
D1
1
D1
1
D 1
1
D 1
1
D1
1
D0
1
D0
1
D 0
1
D 0
1
D0
1
D9
D9
D9
D9
D9
D8
D8
D8
D8
D8
D7
D7
D7
D7
D7
D6
D6
D6
D6
D6
D5
D5
D5
D5
D5
D4
D4
D4
D4
D4
D3
D3
D3
D3
D3
D2
D2
D2
D2
D2
D1
D1
D1
D1
D1
D0
D0
D0
D0
D0
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
t
l
u
a
f
e
D
t
l
u
a
f
e
Dt
l
u
a
f
e
D
)
h
8
7
(
/
h
2
3)
h
8
7
(
/
h
2
3
)
h
8
7
(
/
h
2
3
)
h
8
7
(
/
h
2
3)
h
8
7
(
/
h
2
3e
t
a
R
C
D
A
M
C
Pe
t
a
R
C
D
A
M
C
P
e
t
a
R
C
D
A
M
C
P
e
t
a
R
C
D
A
M
C
Pe
t
a
R
C
D
A
M
C
P5
1
R
S5
1
R
S
5
1
R
S
5
1
R
S5
1
R
S4
1
R
S4
1
R
S
4
1
R
S
4
1
R
S4
1
R
S3
1
R
S3
1
R
S
3
1
R
S
3
1
R
S3
1
R
S2
1
R
S2
1
R
S
2
1
R
S
2
1
R
S2
1
R
S1
1
R
S1
1
R
S
1
1
R
S
1
1
R
S1
1
R
S0
1
R
S0
1
R
S
0
1
R
S
0
1
R
S0
1
R
S9
R
S9
R
S
9
R
S
9
R
S9
R
S8
R
S8
R
S
8
R
S
8
R
S8
R
S7
R
S7
R
S
7
R
S
7
R
S7
R
S6
R
S6
R
S
6
R
S
6
R
S6
R
S5
R
S5
R
S
5
R
S
5
R
S5
R
S4
R
S4
R
S
4
R
S
4
R
S4
R
S3
R
S3
R
S
3
R
S
3
R
S3
R
S2
R
S2
R
S
2
R
S
2
R
S2
R
S1
R
S1
R
S
1
R
S
1
R
S1
R
S0
R
S0
R
S
0
R
S
0
R
S0
R
Sh
0
8
B
Bh
0
8
B
B
h
0
8
B
B
h
0
8
B
Bh
0
8
B
B
Note: 32h is an alias for 78h. The VRA bit in register 2Ah must be set for the alias to work; if a zero is written to VRA then both
sample rates are reset to 48 kHz.
SR[15:0]
Writing to this register allows programming of the sampling frequency from 7 kHz (1B58h) to 48 kHz (BB80h) in
1 Hz increments. Programming a value outside of the range 7040 Hz (1b80h) to 48000 Hz (bb80h) causes the
codec to saturate. For all rates, if the value written to the register is supported that value will be echoed back when
read, otherwise the closest rate supported is returned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com