Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8737-11 Datasheet (PDF) - Integrated Circuit Systems

ICS8737-11 Datasheet PDF - Integrated Circuit Systems
Part # ICS8737-11
Download  ICS8737-11 Download
File Size   127.61 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR

ICS8737-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8737-11 Datasheet PDF - Integrated Circuit Systems

Part # ICS8737-11
Download  ICS8737-11 Click to download

File Size   127.61 Kbytes
Page   13 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR

ICS8737-11 Datasheet (HTML) - Integrated Circuit Systems


ICS8737-11 Product details

GENERAL DESCRIPTION
The ICS8737-11 is a low skew, high performance Differential-to-3.3V LVPECL Clock Generator/Divider and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The ICS8737-11 has two selectable clock inputs. The CLK, nCLK pair can accept most standard differential input levels. The PCLK, nPCLK pair can accept LVPECL, CML, or SSTL input levels.The clock enable is internally synchronized to eliminate runt pulses on the outputs during asynchronous assertion/deassertion of the clock enable pin.

FEATURES
• 2 divide by 1 differential 3.3V LVPECL outputs;
   2 divide by 2 differential 3.3V LVPECL outputs
• Selectable CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential input
   levels: LVDS, LVPECL, LVHSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
   LVPECL, CML, SSTL
• Maximum output frequency up to 650MHz
• Translates any single ended input signal (LVCMOS, LVTTL,
   GTL) to LVPECL levels with resistor bias on nCLK input
• Output skew: 60ps (maximum)
• Part-to-part skew: 200ps (maximum)
• Bank skew: Bank A - 20ps (maximum),
                      Bank B - 35ps (maximum)
• Propagation delay: 1.7ns (maximum)
• 3.3V operating supply
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request




Similar Part No. - ICS8737-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS873033 ICST-ICS873033 Datasheet
260Kb / 16P
HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AG ICST-ICS873033AG Datasheet
260Kb / 16P
HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGLF ICST-ICS873033AGLF Datasheet
260Kb / 16P
HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGLFT ICST-ICS873033AGLFT Datasheet
260Kb / 16P
HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
ICS873033AGT ICST-ICS873033AGT Datasheet
260Kb / 16P
HIGH SPEED, 첨4 DIFFERENTIAL-TO- 3.3V, 5V LVPECL/ECL CLOCK GENERATOR
More results


Similar Description - ICS8737-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701 ICST-ICS8701 Datasheet
131Kb / 15P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. B AUGUST 2, 2001
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A MARCH 16, 2001
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100E222L MICREL-SY100E222L_11 Datasheet
92Kb / 7P
3.3V, 1.5GHz 첨1/첨2 DIFFERENTIAL LVECL/LVPECL PROGRAMMABLE CLOCK
logo
Integrated Device Techn...
8737-11 IDT-8737-11 Datasheet
228Kb / 17P
Low Skew Differential-to-3.3V LVPECL Clock Generator
8737I-11 IDT-8737I-11 Datasheet
242Kb / 15P
Low Skew Differential-to- 3.3V LVPECL Clock Generator
87339I-11 IDT-87339I-11 Datasheet
196Kb / 15P
Low Skew, Differential-to-3.3V LVPECL Clock Generator
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com