Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701 Datasheet (PDF) - Integrated Circuit Systems

ICS8701 Datasheet PDF - Integrated Circuit Systems
Part # ICS8701
Download  ICS8701 Download
File Size   131.59 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW 첨1, 첨2 CLOCK GENERATOR

ICS8701 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8701 Datasheet PDF - Integrated Circuit Systems

Part # ICS8701
Download  ICS8701 Click to download

File Size   131.59 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description LOW SKEW 첨1, 첨2 CLOCK GENERATOR

ICS8701 Datasheet (HTML) - Integrated Circuit Systems


ICS8701 Product details

GENERAL DESCRIPTION
The ICS8701 is a low skew, ÷1, ÷2 Clock Generator and a member of the HiPerClockS™ family of High Performance Clock Solutions from ICS. The low impedance LVCMOS outputs are designed to drive 50Ω series or parallel terminated transmission lines. The effective fanout can be increased from 20 to 40 by utilizing the ability of the outputs to drive two series terminated lines.

FEATURES
• 20 LVCMOS outputs, 7Ω typical output impedance
• 1 LVCMOS clock input
• Maximum output frequency up to 250MHz
• Bank enable logic allows unused banks to be disabled in reduced fanout applications
• Output skew: 250ps (maximum)
• Part-to-part skew: 600ps (maximum)
• Bank skew: 200ps (maximum)
• Multiple frequency skew: 300ps (maximum)
• 3.3V or mixed 3.3V input, 2.5V output operating supply modes
• 0°C to 70°C ambient operating temperature
• Other divide values available on request




Similar Part No. - ICS8701

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701-01Y ICST-ICS8701-01Y Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701-01YT ICST-ICS8701-01YT Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
logo
Renesas Technology Corp
ICS87016AYILF RENESAS-ICS87016AYILF Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
ICS87016AYILFT RENESAS-ICS87016AYILFT Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
More results


Similar Description - ICS8701

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8701-01 ICST-ICS8701-01 Datasheet
211Kb / 10P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR W/POLARITY CONTROL
ICS8701I ICST-ICS8701I Datasheet
123Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A MARCH 16, 2001
ICS8702 ICST-ICS8702 Datasheet
221Kb / 12P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
ICS8737-11 ICST-ICS8737-11 Datasheet
127Kb / 13P
LOW SKEW 첨1/첨2 DIFFERENTIAL-TO- 3.3V LVPECL CLOCK GENERATOR
REV. A JULY 13, 2001
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S838 MICREL-SY100S838 Datasheet
73Kb / 4P
(첨1, 첨2/3) OR (첨2, 첨4/6) CLOCK GENERATION CHIP
logo
Integrated Circuit Syst...
ICS87949-01 ICST-ICS87949-01 Datasheet
130Kb / 13P
LOW SKEW 첨1, 첨2 CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
ICS87421I IDT-ICS87421I Datasheet
260Kb / 14P
첨1/첨2 DIFFERENTIAL-TO-LVDS CLOCK GENERATOR
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
(첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
(첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com