Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS8701
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS8701 Datasheet HTML 3Page - Integrated Circuit Systems ICS8701 Datasheet HTML 4Page - Integrated Circuit Systems ICS8701 Datasheet HTML 5Page - Integrated Circuit Systems ICS8701 Datasheet HTML 6Page - Integrated Circuit Systems ICS8701 Datasheet HTML 7Page - Integrated Circuit Systems ICS8701 Datasheet HTML 8Page - Integrated Circuit Systems ICS8701 Datasheet HTML 9Page - Integrated Circuit Systems ICS8701 Datasheet HTML 10Page - Integrated Circuit Systems ICS8701 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
8701CY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 2, 2001
7
Integrated
Circuit
Systems, Inc.
ICS8701
LOW SKEW
÷1, ÷2
CLOCK GENERATOR
TABLE 5B. AC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 2.5V±5%, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
n
I
m
u
m
i
x
a
M
0
5
2z
H
M
t
D
P
1
E
T
O
N
;
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
PZ
H
M
0
£ f £
z
H
M
0
0
26
.
26
.
3s
n
t
)
b
(
k
s7
,
2
E
T
O
N
;
w
e
k
S
k
n
a
Bt
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
MV
O
D
D
2
/5
2
2s
p
t
)
o
(
k
s7
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
Ot
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
MV
O
D
D
2
/0
5
2s
p
t
(
k
sw)
;
w
e
k
S
y
c
n
e
u
q
e
r
F
e
l
p
i
t
l
u
M
7
,
4
E
T
O
N
t
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
MV
O
D
D
2
/0
0
3s
p
t
)
p
p
(
k
s7
,
5
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
Pt
a
e
g
d
e
g
n
i
s
i
r
n
o
d
e
r
u
s
a
e
MV
O
D
D
2
/0
0
6s
p
t
R
6
E
T
O
N
;
e
m
i
T
e
s
i
R
t
u
p
t
u
O%
0
7
o
t
%
0
30
8
20
5
8s
p
t
F
6
E
T
O
N
;
e
m
i
T
ll
a
F
t
u
p
t
u
O%
0
7
o
t
%
0
30
8
20
5
8s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
Z
H
M
0
£ f £
z
H
M
0
0
2
2
/
E
L
C
Y
C
t
5
.
0
-
2
/
E
L
C
Y
C
t
2
/
E
L
C
Y
C
t
5
.
0
+
s
n
z
H
M
0
0
2
=
f2
5
.
23
s
n
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
6
E
T
O
N
z
H
M
0
1
=
f6
s
n
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
6
E
T
O
N
z
H
M
0
1
=
f6
s
n
.
e
s
i
w
r
e
h
t
o
d
e
t
o
n
s
s
e
l
n
u
z
H
M
0
0
2
t
a
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
.
t
n
i
o
p
g
n
i
s
s
o
r
c
t
u
p
t
u
o
e
h
t
o
t
t
u
p
n
i
e
h
t
f
o
t
n
i
o
p
%
0
5
e
h
t
m
o
r
f
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
h
t
i
w
y
c
n
e
u
q
e
r
f
t
n
e
r
e
f
f
i
d
t
a
g
n
i
t
a
r
e
p
o
s
t
u
p
t
u
o
f
o
s
k
n
a
b
s
s
o
r
c
a
w
e
k
s
s
a
d
e
n
i
f
e
D
:
4
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
d
n
a
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
t
a
w
e
k
s
e
h
t
s
a
d
e
n
i
f
e
D
:
5
E
T
O
N
.
s
t
n
i
o
p
s
s
o
r
c
e
h
t
t
a
d
e
r
u
s
a
e
m
e
r
a
s
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
s
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
6
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
7
E
T
O
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com