Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # ICS8701
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button ICS8701 Datasheet HTML 7Page - Integrated Circuit Systems ICS8701 Datasheet HTML 8Page - Integrated Circuit Systems ICS8701 Datasheet HTML 9Page - Integrated Circuit Systems ICS8701 Datasheet HTML 10Page - Integrated Circuit Systems ICS8701 Datasheet HTML 11Page - Integrated Circuit Systems ICS8701 Datasheet HTML 12Page - Integrated Circuit Systems ICS8701 Datasheet HTML 13Page - Integrated Circuit Systems ICS8701 Datasheet HTML 14Page - Integrated Circuit Systems ICS8701 Datasheet HTML 15Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
8701CY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 2, 2001
12
Integrated
Circuit
Systems, Inc.
ICS8701
LOW SKEW
÷1, ÷2
CLOCK GENERATOR
3. Calculations and Equations.
The purpose of this section is to derive the power dissipated into the load.
LVCMOS output driver circuit and termination are shown in
Figure 7.
To calculate worst case power dissipation into the load, use the following equations which assume a 50
Ω load, and a termination
voltage of V
DD
- 2V.
Pd_H is power dissipation when the output drives high.
Pd_L is the power dissipation when the output drives low.
Pd_H = (V
OH_MAX
/R
L
) * (V
DD_MAX
- V
OH_MAX
)
Pd_L = (V
OL_MAX
/R
L
) * (V
DD_MAX
- V
OL_MAX
)
For logic high, V
OUT
= V
OH_MAX
= V
DD_MAX
– 1.2V
For logic low, V
OUT
= V
OL_MAX
= V
DD_MAX
– 0.4V
Pd_H = (1.2V/50
Ω) * (2V - 1.2V) = 19.2mW
Pd_L = (0.4V/50
Ω) * (2V - 0.4V) = 12.8mW
Total Power Dissipation per output pair = Pd_H + Pd_L = 32mW
FIGURE 7 - LVCMOS DRIVER CIRCUIT AND TERMINATION
V
DDO
V
OUT
RL
50
Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com