Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8701 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS8701
Description  LOW SKEW 첨1, 첨2 CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8701 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS8701 Datasheet HTML 1Page - Integrated Circuit Systems ICS8701 Datasheet HTML 2Page - Integrated Circuit Systems ICS8701 Datasheet HTML 3Page - Integrated Circuit Systems ICS8701 Datasheet HTML 4Page - Integrated Circuit Systems ICS8701 Datasheet HTML 5Page - Integrated Circuit Systems ICS8701 Datasheet HTML 6Page - Integrated Circuit Systems ICS8701 Datasheet HTML 7Page - Integrated Circuit Systems ICS8701 Datasheet HTML 8Page - Integrated Circuit Systems ICS8701 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
8701CY
www.icst.com/products/hiperclocks.html
REV. B AUGUST 2, 2001
4
Integrated
Circuit
Systems, Inc.
ICS8701
LOW SKEW
÷1, ÷2
CLOCK GENERATOR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DDx
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
47.9°C/W (0lfpm)
Storage Temperature, T
STG
-65°C to 150°C
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only. Functional operation of product at these conditions or any conditions beyond those
listed in the
DC Characteristics or AC Characteristics is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
=0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
28
.
3V
K
L
C2
8
.
3V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
V
D
D
V
5
6
4
.
3
=3
.
0
-8
.
0V
K
L
CV
D
D
V
5
6
4
.
3
=3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
V
D
D
=V
N
I
V
5
6
4
.
3
=5
A
µ
K
L
CV
D
D
=V
N
I
V
5
6
4
.
3
=0
5
1A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
B
L
E
S
_
V
I
D
,
A
L
E
S
_
V
I
D
,
D
L
E
S
_
V
I
D
,
C
L
E
S
_
V
I
D
,
1
N
E
_
K
N
A
B
,
0
N
E
_
K
N
A
B
E
O
/
R
M
n
V
D
D
,
V
5
6
4
.
3
=V
N
I
V
0
=0
5
1
-A
µ
K
L
CV
D
D
,
V
5
6
4
.
3
=V
N
I
V
0
=5
-A
µ
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
D
D
V
=
O
D
D
V
5
3
1
.
3
=
I
H
O
A
m
6
3
-
=
6
.
2V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
V
D
D
V
=
O
D
D
V
5
3
1
.
3
=
I
L
O
A
m
6
3
=
5
.
0V
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
t
n
e
c
s
e
i
u
Q
V
D
D
V
=
H
I
V
5
6
4
.
3
=
V
L
I
V
0
=
5
9A
m
TABLE 4B. LVCMOS DC CHARACTERISTICS, V
DD = VDDO = 3.3V±5%, T
A
=0°C TO 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com