Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9120-11 Datasheet (PDF) - Integrated Circuit Systems

ICS9120-11 Datasheet PDF - Integrated Circuit Systems
Part # ICS9120-11
Download  ICS9120-11 Download
File Size   79.06 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Multimedia Audio Synthesis

ICS9120-11 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9120-11 Datasheet PDF - Integrated Circuit Systems

Part # ICS9120-11
Download  ICS9120-11 Click to download

File Size   79.06 Kbytes
Page   5 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for Multimedia Audio Synthesis

ICS9120-11 Datasheet (HTML) - Integrated Circuit Systems


ICS9120-11 Product details

General Description
The ICS9120-11 is a high performance frequency generator. The ICS9120-11 provides high accuracy; low jitter PLLs meet the 0.20% frequency tolerance and -96dB signal-to-noise ratios. Fast output clock edge rates minimize board induced jitter.
The ICS9120-11 operates over the entire 3.0 - 5.5V range and provides power-down to minimize energy consumption.

Features
• Generates 46.6 MHz and 33.868 MHz clocks
• Buffered REFCLK output
• 0.20% frequency accuracy
• 100ps one sigma jitter maintains 16-bit performance
• Output rise/fall times less than 2.5ns
• On-chip loop filter components
• 3.0V - 5.5V supply range
• 8-pin, 150-mil SOIC package Advance Information




Similar Part No. - ICS9120-11

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9120-08 ICST-ICS9120-08 Datasheet
106Kb / 7P
Frequency Generator for Multimedia Audio Synthesis
Rev C 052297
ICS9120-09 ICST-ICS9120-09 Datasheet
106Kb / 7P
Frequency Generator for Multimedia Audio Synthesis
Rev C 052297
ICS9120-45 ICST-ICS9120-45 Datasheet
307Kb / 5P
Low-Cost 8-Pin Frequency Generator
Rev B 05/23/97
logo
Integrated Device Techn...
ICS9120-45 IDT-ICS9120-45 Datasheet
313Kb / 5P
Low-Cost 8-Pin Frequency Generator
logo
Integrated Circuit Syst...
ICS9120-46 ICST-ICS9120-46 Datasheet
122Kb / 5P
Modem and Audio Clock Generator
Rev B 052497
More results


Similar Description - ICS9120-11

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4831 NSC-LM4831 Datasheet
575Kb / 12P
Multimedia Computer Audio Chip
logo
Hynix Semiconductor
STAC9704 HYNIX-STAC9704 Datasheet
218Kb / 49P
Multimedia Audio Codec for AC97
logo
Integrated Circuit Syst...
ICS9120-08 ICST-ICS9120-08 Datasheet
106Kb / 7P
Frequency Generator for Multimedia Audio Synthesis
Rev C 052297
ICS952302 ICST-ICS952302 Datasheet
128Kb / 15P
Frequency Generator for TransmetaTM
logo
Cypress Semiconductor
CY24142 CYPRESS-CY24142 Datasheet
129Kb / 7P
MediaClock Multimedia Clock Generator
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
Rohm
BU2381FV ROHM-BU2381FV Datasheet
51Kb / 5P
Multimedia ICs Clock generator for digital still camera
logo
Asahi Kasei Microsystem...
AK8128MV AKM-AK8128MV Datasheet
302Kb / 10P
Multi Clock Generator for Audio
AK8128ME AKM-AK8128ME Datasheet
302Kb / 10P
Multi Clock Generator for Audio
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com