Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169C-41 Datasheet (PDF) - Integrated Circuit Systems

ICS9169C-41 Datasheet PDF - Integrated Circuit Systems
Part # ICS9169C-41
Download  ICS9169C-41 Download
File Size   152.3 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for PentiumPro??Based Systems

ICS9169C-41 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9169C-41 Datasheet PDF - Integrated Circuit Systems

Part # ICS9169C-41
Download  ICS9169C-41 Click to download

File Size   152.3 Kbytes
Page   7 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for PentiumPro??Based Systems

ICS9169C-41 Datasheet (HTML) - Integrated Circuit Systems


ICS9169C-41 Product details

General Description
The ICS9169C-41 is a Clock Synthesize/Driver chip for Pentium, PentiumPro or Cyrix 68x86 based motherboards using SDRAM.
Features include four dual purpose I/O pins which provide extra CPU clocks and enable the part to be packaged in a low-cost 34-pin SSOP package. These four pins latch the select inputs at the internal Power-On Reset. Additionally, the device meets the Pentium and PentiumPro power-up stabilization, which requires that CPU and PCI clocks be stable within 2ms after power-up.

Features
• 12 selectable CPU/SDRAM/AGP clocks up to 75 MHz
• Six PCI clocks, synchronous or asynchronous mode, pin selectable by Bus Select input (pin 19)
• One USB clock at 48MHz, meets Intel jitter, accuracy, as well as rise and fall time requirements
• One I/O clock at 24MHz
• Two Ref. Clocks at 14.318MHz
• CPU clocks to PCI clock skew of 1-4ns (CPU early)
• Low CPU and PCI clock jitter <200ps
• Low skew outputs, skew window 250ps for CPU clocks and for PCI clocks
• Improved output drivers are designed for low EMI
• Test Mode
• 3.3V ±10% operation
• Space saving and low cost 34-pin SSOP package




Similar Part No. - ICS9169C-41

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-40 ICST-ICS9169C-40 Datasheet
328Kb / 6P
System Clock Chip
RevA072897
More results


Similar Description - ICS9169C-41

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS9169C-232 ICST-ICS9169C-232 Datasheet
336Kb / 8P
Frequency Generator for Pentium??Based Systems
RevB031897
ICS9169C-27 ICST-ICS9169C-27 Datasheet
555Kb / 8P
Frequency Generator for Pentium Based Systems
Rev C 04/16/98
ICS9169C-271 ICST-ICS9169C-271 Datasheet
322Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-272 ICST-ICS9169C-272 Datasheet
369Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC060297
ICS9169C-273 ICST-ICS9169C-273 Datasheet
358Kb / 8P
Frequency Generator for Pentium??Based Systems
RevC031897
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
Frequency Timing Generator for Transmeta Systems
ICS9169C-231 ICST-ICS9169C-231 Datasheet
295Kb / 8P
Frequency Generator for Pentium Based Systems
RevB040697
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com