Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9169C-40 Datasheet (PDF) - Integrated Circuit Systems

ICS9169C-40 Datasheet PDF - Integrated Circuit Systems
Part # ICS9169C-40
Download  ICS9169C-40 Download
File Size   328.99 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description System Clock Chip

ICS9169C-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9169C-40 Datasheet PDF - Integrated Circuit Systems

Part # ICS9169C-40
Download  ICS9169C-40 Click to download

File Size   328.99 Kbytes
Page   6 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description System Clock Chip

ICS9169C-40 Datasheet (HTML) - Integrated Circuit Systems


ICS9169C-40 Product details

General Description
The ICS9169C-40 is a Clock Synthesizer chip for Pentium or Cyrix CPU based motherboards using PCI.
Features include eight CPU clocks and six PCI clocks. A Reference Output is available equal to the crystal frequency. The device meets the Pentium power-up stabilization, which requires that CPU and PCI clocks be stable within 2ms after power-up.

Features
• 8 selectable CPU clocks up to 75MHz
• Six synchronous PCI clocks
• One Referance Clock at 14.318MHz
• Power-up stabilization time = 2ms on all CPU and PCI clocks, which meets Intel PentiumPro power-up
• Low CPU and PCI clock jitter <500ps
• Low skew output
• Improved output drivers are designed for low EMI
• Test Mode
• Optional common or mixed supply mode:
    (VDD = VDDL1 =VDDL2 = 3.3V)
    (VDD = 3.3V,VDDL1=VDDL2 = 2.5)
    (VDD = 3.3V, VDDL1 = 3.3V, VDDL2 = 2.5V)
• Space saving and low cost 34-pin SSOP package




Similar Part No. - ICS9169C-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9169C-41 ICST-ICS9169C-41 Datasheet
152Kb / 7P
Frequency Generator for PentiumPro??Based Systems
Rev D 5/02/00
More results


Similar Description - ICS9169C-40

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9148-10 ICST-ICS9148-10 Datasheet
426Kb / 12P
Pentium/ProTM System Clock Chip
Rev D 9/27/99
ICS9148-47 ICST-ICS9148-47 Datasheet
244Kb / 9P
Pentium/ProTM System Clock Chip
Rev D 08/04/98
ICS9248-110 ICST-ICS9248-110 Datasheet
152Kb / 14P
AMD-K7TM System Clock Chip
Rev C 01/08/01
ICS9248-64 ICST-ICS9248-64 Datasheet
142Kb / 15P
AMD-K7TM System Clock Chip
Rev C 03/19/01
ICS950401 ICST-ICS950401 Datasheet
108Kb / 14P
AMD - K8TM System Clock Chip
ICS9248-171 ICST-ICS9248-171 Datasheet
213Kb / 15P
AMD - K7TM System Clock Chip
ICS950402 ICST-ICS950402 Datasheet
138Kb / 19P
AMD - K8 System Clock Chip
logo
Integrated Device Techn...
ICS9148-20 IDT-ICS9148-20 Datasheet
395Kb / 11P
Pentium/ProTM System Clock Chip
logo
Renesas Technology Corp
ICS9148-32 RENESAS-ICS9148-32 Datasheet
713Kb / 15P
Pentium/ProTM System Clock Chip
2019
ICS951403 RENESAS-ICS951403 Datasheet
646Kb / 18P
AMD-K7TM System Clock Chip
02/23/04
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com