Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9248-135 Datasheet (PDF) - Integrated Circuit Systems

ICS9248-135 Datasheet PDF - Integrated Circuit Systems
Part # ICS9248-135
Download  ICS9248-135 Download
File Size   191.66 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6

ICS9248-135 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9248-135 Datasheet PDF - Integrated Circuit Systems

Part # ICS9248-135
Download  ICS9248-135 Click to download

File Size   191.66 Kbytes
Page   15 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator & Integrated Buffers for Celeron & PII/III?? K6

ICS9248-135 Datasheet (HTML) - Integrated Circuit Systems


ICS9248-135 Product details

General Description
The ICS9248-135 is the single chip clock solution for Desktop/Notebook designs using the SIS 540/630 style chipset. It provides all necessary clock signals for such a system.

Features:
• Up to 166MHz frequency support
• Support FS0-FS3 trapping status bit for I2C read back.
• Support power management: CPU, PCI, SDRAM stop and Power down Mode form I2C programming.
• Spread spectrum for EMI control (0 to -0.5%, ± 0.25%).
• FS0, FS1, FS3 must have a internal 120K pull-Down to GND.
• Uses external 14.318MHz crystal

Output Features:
• 3- CPUs @ 2.5/3.3V, up to 166MHz.
• 10 - SDRAM @ 3.3V, up to 166MHz including 2 SDRAM_Fs
• 7- PCI @3.3V,
• 1- 48MHz, @3.3V fixed.
• 1- 24/48MHz, @3.3V selectable by I2C (Default is 24MHz).
• 2- REF @3.3V, 14.318MHz.

Recommended Application:
    Motherboard Single chip clock solution for SIS540, SIS630 Pentium II/III and K6 chipsets.




Similar Part No. - ICS9248-135

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
Frequency Timing Generator for PENTIUM II/III Systems
Rev A 8/22/00
ICS9248-136 ICST-ICS9248-136 Datasheet
231Kb / 16P
Frequency Generator & Integrated Buffers for K7 Processor
ICS9248-138 ICST-ICS9248-138 Datasheet
245Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
logo
Renesas Technology Corp
ICS9248-138 RENESAS-ICS9248-138 Datasheet
344Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III TM
2019
More results


Similar Description - ICS9248-135

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-126 ICST-ICS9248-126 Datasheet
472Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
Rev C 9/6/00
ICS9248-131 ICST-ICS9248-131 Datasheet
498Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 7/17/00
ICS9248-146 ICST-ICS9248-146 Datasheet
194Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-151 ICST-ICS9248-151 Datasheet
154Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/29/01
ICS9248-87 ICST-ICS9248-87 Datasheet
362Kb / 13P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 10/27/00
ICS9248-96 ICST-ICS9248-96 Datasheet
196Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
ICS9248-98 ICST-ICS9248-98 Datasheet
506Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev D 11/6/00
ICS9250-08 ICST-ICS9250-08 Datasheet
372Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev H 10/8/99
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
logo
Renesas Technology Corp
ICS9248-102 RENESAS-ICS9248-102 Datasheet
2Mb / 11P
Frequency Generator & Integrated Buffers for Celeron & PII/III TM &K6
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com