Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS9250-22 Datasheet (PDF) - Integrated Circuit Systems

ICS9250-22 Datasheet PDF - Integrated Circuit Systems
Part # ICS9250-22
Download  ICS9250-22 Download
File Size   106.47 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for P IV?

ICS9250-22 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS9250-22 Datasheet PDF - Integrated Circuit Systems

Part # ICS9250-22
Download  ICS9250-22 Click to download

File Size   106.47 Kbytes
Page   11 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Frequency Generator for P IV?

ICS9250-22 Datasheet (HTML) - Integrated Circuit Systems


ICS9250-22 Product details

General Description

The ICS9250-22 is a single chip clock solution.

Spread spectrum typically reduces system EMI by 8dB to 10dB. This simplifies EMI qualification without resorting to board design iterations or costly shielding. The ICS9250-22 employs a proprietary closed loop design, which tightly controls the percentage of spreading over process and temperature variations.



Features:

• Support power management: Power Down Mode

• Supports Spread Spectrum modulation: 0 to -0.5% down spread.

• Uses external 14.318MHz crystal

• Select logic for Differential Swing Control, Test mode, Tristate, Power down, Spread Spectrum, limited frequency select, selective clock enable.

• External resistor for current reference

• FS pins for frequency select



Output Features:

• 4 Differential CPU Clock Pairs @ 3.3V

• 2 - 3V MREF clocks for memory reference seeds, (separate single ended but 180 degrees out of phase)

• 4 - 66MHz reference output

• 10 - 3V 33MHz PCI clocks

• 2 - 48MHz clocks

• 2 - 14.318 reference output



Recommended Application:

  P IV Chipset Support



 




Similar Part No. - ICS9250-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9250-23 ICST-ICS9250-23 Datasheet
403Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 4/3/01
logo
Renesas Technology Corp
ICS9250-23 RENESAS-ICS9250-23 Datasheet
369Kb / 16P
Frequency Generator & Integrated Buffers for Celeron & PII/III™
2019
logo
Integrated Circuit Syst...
ICS9250-25 ICST-ICS9250-25 Datasheet
263Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev A 10/03/00
ICS9250-26 ICST-ICS9250-26 Datasheet
223Kb / 15P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 01/19/01
ICS9250-27 ICST-ICS9250-27 Datasheet
248Kb / 14P
Frequency Generator & Integrated Buffers for Celeron & PII/III?
Rev B 02/15/01
More results


Similar Description - ICS9250-22

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9117-01 ICST-ICS9117-01 Datasheet
68Kb / 5P
Frequency Generator for Modem Systems
RevA 052297
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
Frequency Generator for Workstation Systems
Rev B 2/14/01
ICS952302 ICST-ICS952302 Datasheet
128Kb / 15P
Frequency Generator for TransmetaTM
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
Frequency Generator for Workstation Systems
9FGP204 IDT-9FGP204 Datasheet
177Kb / 18P
Frequency Timing Generator for Peripherals
9FGP205 IDT-9FGP205 Datasheet
264Kb / 18P
Frequency Timing Generator for Peripherals
9FGP202A IDT-9FGP202A Datasheet
231Kb / 19P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
logo
Renesas Technology Corp
9FGP202 RENESAS-9FGP202 Datasheet
427Kb / 20P
FREQUENCY TIMING GENERATOR FOR PERIPHERALS
REV D 070511
9FGP204 RENESAS-9FGP204 Datasheet
320Kb / 19P
Frequency Timing Generator for Peripherals
04/23/15
9FGP205 RENESAS-9FGP205 Datasheet
323Kb / 19P
Frequency Timing Generator for Peripherals
07/16/14
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com