Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1418 Datasheet (PDF) - Integrated Circuit Systems

MK1418 Datasheet PDF - Integrated Circuit Systems
Part # MK1418
Download  MK1418 Download
File Size   29.2 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OPL3, OPL4 Codec Clock Source

MK1418 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1418 Datasheet PDF - Integrated Circuit Systems

Part # MK1418
Download  MK1418 Click to download

File Size   29.2 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description OPL3, OPL4 Codec Clock Source

MK1418 Datasheet (HTML) - Integrated Circuit Systems


MK1418 Product details

Description
The MK1418 and MK1420 are the ideal way to generate clocks for new sound cards. The MK1420 provides clocks for Analog Devices’ AD1848, Crystal Semiconductor’s CS4231, and Yamaha’s OPL3L, OPL3LS, and OPL4. The MK1420 uses either a 14.318 MHz crystal, or a 14.318 MHz bus clock input to synthesize the clocks required to drive the codec, and the 33.868 MHz required for the FM or wavetable music synthesizer. The chips are ideal for add-in sound cards and motherboards with integrated sound. In an 8 pin SOIC, the MK1420 can save component count, board space, and cost over surface mount crystals, and increase reliability by eliminating three or four mechanical
devices from the board.

Features
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 14.318 MHz
• MK1418 is clock input only
• MK1420 output clock frequencies of 16.934MHz, 24.576 MHz, 33.868 MHz, and 14.318 MHz
• Advanced, low power CMOS process
• Lowest jitter in industry for best audio performance
• Insensitive to input clock duty cycle
• 50% (typ) 14.318 MHz duty cycle with crystal




Similar Part No. - MK1418

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1410 ICST-MK1410 Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1410S ICST-MK1410S Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1410STR ICST-MK1410STR Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1411S ICST-MK1411S Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
MK1411STR ICST-MK1411STR Datasheet
63Kb / 4P
NTSC/PAL Clock Source
Revision 102298
More results


Similar Description - MK1418

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS650-07C ICST-ICS650-07C Datasheet
73Kb / 5P
Networking Clock Source
Revision 101399
MK1422 ICST-MK1422 Datasheet
43Kb / 4P
OPL3/4Codec Portable Clock Source
Revision 080698
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
ICS650-07B ICST-ICS650-07B Datasheet
44Kb / 4P
Broadcom Clock Source
Revision 042600
ICS650-27 ICST-ICS650-27 Datasheet
156Kb / 6P
Networking Clock Source
Revision 070505
ICS651-03 ICST-ICS651-03 Datasheet
157Kb / 7P
VOIP Clock Source
Revision 112603
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
ICS650-27 IDT-ICS650-27 Datasheet
207Kb / 7P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com