Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1432 Datasheet (PDF) - Integrated Circuit Systems

MK1432 Datasheet PDF - Integrated Circuit Systems
Part # MK1432
Download  MK1432 Download
File Size   61.72 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Green PC and Local Bus Clock Source

MK1432 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1432 Datasheet PDF - Integrated Circuit Systems

Part # MK1432
Download  MK1432 Click to download

File Size   61.72 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Green PC and Local Bus Clock Source

MK1432 Datasheet (HTML) - Integrated Circuit Systems


MK1432 Product details

Description
The MK1432 and MK1434 are low cost, high performance triple clock synthesizers for green PC and local bus desktop and notebook applications. Using analog Phase-Locked Loop (PLL) techniques, the devices accept a 14.318 MHz crystal input to produce multiple output clocks up to 100 MHz. They provide selectable 2XCPU and CPU, selectable local bus clock, ISA clock, and one fixed peripheral clock. The chips support PCI and VL buses. The fixed clock is either 24MHz or 40MHz. The devices can operate at 5V or 3.3V up to and including 80MHz on the 2XCPU clock.

Features
• Packaged in 16 pin narrow (150 mil) SOIC
• Supports all Pentium™ Processor timing specs
• Supports synchronous and asynchronous local bus
• Selectable local bus frequencies of 25, 33, or 50MHz
• SCSI or VL bus 40MHz clock on MK1434
• Floppy or super I/O clock on MK1432
• Single Power Saving pin switches to low power mode (for 486 and Pentium)
• 5V or 3.3V (up to 80MHz) operation
• Smooth transitions for Pentium and 486 based Green PC
• Low skew (<250ps) Pentium compatible 2X and 1X outputs
• Duty cycle of 45/55 up to 100 MHz
• 25mA output drive capability at TTL levels
• Compatible with all popular microprocessors
• Packaged in 16 pin narrow SOIC
• For Early Clock support, consult MicroClock




Similar Part No. - MK1432

ManufacturerPart #DatasheetDescription
logo
Standex Electronics, In...
MK14 STANDEX-MK14 Datasheet
326Kb / 3P
MK14 Series Reed Sensors
Version 02 28 Feb 2019
logo
Meder Electronic
MK14-1A66B-100W MEDER-MK14-1A66B-100W Datasheet
69Kb / 1P
MK Reed Sensors
MK14-1A66B-100W_DE MEDER-MK14-1A66B-100W_DE Datasheet
69Kb / 1P
(deutsch) MK Reed Sensor
MK14-1A66B-1200W MEDER-MK14-1A66B-1200W Datasheet
70Kb / 1P
MK Reed Sensors
MK14-1A66B-1200W MEDER-MK14-1A66B-1200W Datasheet
68Kb / 1P
MK Reed Sensor
More results


Similar Description - MK1432

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PRC207 CALMIRCO-PRC207 Datasheet
30Kb / 2P
CLOCK TERMINATOR AND LOCAL EMI/RFI FILTER
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK2771-13 ICST-MK2771-13 Datasheet
62Kb / 4P
VCXO and Set-Top Clock Source
Revision 110298
MK2771-15 ICST-MK2771-15 Datasheet
64Kb / 4P
VCXO and Set-Top Clock Source
Revision 122899
ICS650-22 ICST-ICS650-22 Datasheet
135Kb / 5P
PVR and STB Clock Source
Revision 051004
logo
Agilent(Hewlett-Packard...
FS2100 HP-FS2100 Datasheet
371Kb / 48P
LOCAL BUS
logo
Renesas Technology Corp
MK2771-15 RENESAS-MK2771-15 Datasheet
340Kb / 8P
VCXO AND SET-TOP CLOCK SOURCE
051310
MK2772-01 RENESAS-MK2772-01 Datasheet
704Kb / 5P
VCXO and Set-Top Clock Source
102704
ICS650-22 RENESAS-ICS650-22 Datasheet
325Kb / 7P
PRV AND STB CLOCK SOURCE
REV F 051310
ICS650-36 RENESAS-ICS650-36 Datasheet
388Kb / 9P
NETWORKING AND PCI CLOCK SOURCE
REV F 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com