Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2014ATR Datasheet (PDF) - Integrated Circuit Systems

MK2014ATR Datasheet PDF - Integrated Circuit Systems
Part # MK2014ATR
Download  MK2014ATR Download
File Size   44.43 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Fast Ethernet Clock Source

MK2014ATR Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2014ATR Datasheet PDF - Integrated Circuit Systems

Part # MK2014ATR
Download  MK2014ATR Click to download

File Size   44.43 Kbytes
Page   4 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Fast Ethernet Clock Source

MK2014ATR Datasheet (HTML) - Integrated Circuit Systems


MK2014ATR Product details

Description
The MK2014A is the ideal way to generate clocks for Fast Ethernet cards or systems. It provides 20MHz and 25MHz clocks from an inexpensive 14.31818 MHz crystal or clock. In an 8 pin SOIC, the MK2014A can save component count, board space, and cost over surface mount crystals and oscillators, and increase reliability by eliminating mechanical devices from the board.

Features
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 14.318 MHz
• Lowest jitter in the industry reliably clocks sensitive Ethernet devices.
• Output clock frequencies of 20.00 MHz and 25.00 MHz
• Zero ppm synthesis error in the output clocks
• Full CMOS outputs with 25mA drive capability at TTL levels
• 3.3V or 5V±10% supply voltage
• Advanced, low power CMOS process
• Insensitive to input clock duty cycle




Similar Part No. - MK2014ATR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK201-B-500W MEDER-MK201-B-500W Datasheet
210Kb / 1P
Reed sensor
MK201-B-500W MEDER-MK201-B-500W Datasheet
205Kb / 1P
Rectangular reed seonsor
MK201-C-100W MEDER-MK201-C-100W Datasheet
211Kb / 1P
Reed sensor
MK201-C-100W MEDER-MK201-C-100W Datasheet
205Kb / 1P
Rectangular reed seonsor
MK201-C-1500W MEDER-MK201-C-1500W Datasheet
212Kb / 1P
Reed sensor
More results


Similar Description - MK2014ATR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
Fast Ethernet Clock Source
Revision 120597
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
Revision 060705
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com