Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK2014ATR Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # MK2014ATR
Description  Fast Ethernet Clock Source
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

MK2014ATR Datasheet(HTML) 1 Page - Integrated Circuit Systems

  MK2014ATR Datasheet HTML 1Page - Integrated Circuit Systems MK2014ATR Datasheet HTML 2Page - Integrated Circuit Systems MK2014ATR Datasheet HTML 3Page - Integrated Circuit Systems MK2014ATR Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MK2014A
Fast Ethernet Clock Source
MDS 2014A B
1
Revision 121598
Printed 11/15/00
MicroClock Division of ICS • 525 Race Street • San Jose • CA • 95126•(408)295-9800tel•(408)295-9818fax
I C R O
C LOC K
The MK2014A is the ideal way to generate clocks
for Fast Ethernet cards or systems. It provides
20MHz and 25MHz clocks from an inexpensive
14.31818 MHz crystal or clock. In an 8 pin SOIC,
the MK2014A can save component count, board
space, and cost over surface mount crystals and
oscillators, and increase reliability by eliminating
mechanical devices from the board.
The MK2014A is a functionally identical update
of the MK2014 and should be used in all designs.
The only change is in crystal load capacitance as
stated on page 2.
MicroClock offers many other clocks for
computers and computer peripherals. Consult your
MicroClock representative when you need to
remove crystals and oscillators from your board.
Block Diagram
Description
Features
• Packaged in 8 pin SOIC
• Input crystal or clock frequency of 14.318 MHz
• Lowest jitter in the industry reliably clocks
sensitive Ethernet devices.
• Output clock frequencies of 20.00 MHz and
25.00 MHz
• Zero ppm synthesis error in the output clocks
• Full CMOS outputs with 25mA drive capability
at TTL levels
• 3.3V or 5V±10% supply voltage
• Advanced, low power CMOS process
• Insensitive to input clock duty cycle
Crystal
Oscillator
VDD GND
Clock Synthesis
and Control
Circuitry
Output
Buffer
Output
Buffer
20 MHz
14.318 MHz
X1
X2
14.31818 MHz
crystal or clock
Output
Buffer
25 MHz
2


Similar Part No. - MK2014ATR

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
MK201-B-500W MEDER-MK201-B-500W Datasheet
210Kb / 1P
Reed sensor
MK201-B-500W MEDER-MK201-B-500W Datasheet
205Kb / 1P
Rectangular reed seonsor
MK201-C-100W MEDER-MK201-C-100W Datasheet
211Kb / 1P
Reed sensor
MK201-C-100W MEDER-MK201-C-100W Datasheet
205Kb / 1P
Rectangular reed seonsor
MK201-C-1500W MEDER-MK201-C-1500W Datasheet
212Kb / 1P
Reed sensor
More results

Similar Description - MK2014ATR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1442 ICST-MK1442 Datasheet
67Kb / 4P
SCSI and Ethernet Clock Source
Revision 111500
MK1449B ICST-MK1449B Datasheet
60Kb / 4P
Sound/SCSIFast Ethernet Clock
Revision 120799
MK2011 ICST-MK2011 Datasheet
65Kb / 4P
Fast Ethernet Clock Source
Revision 120597
MK3732-08 ICST-MK3732-08 Datasheet
60Kb / 4P
ADSL Clock Source
Revision 091201
ICS650-40 ICST-ICS650-40 Datasheet
152Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
Revision 060705
ICS650-40A ICST-ICS650-40A Datasheet
128Kb / 6P
ETHERNET SWITCH CLOCK SOURCE
logo
Integrated Device Techn...
ICS650-07C IDT-ICS650-07C Datasheet
215Kb / 9P
NETWORKING CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS650-40 RENESAS-ICS650-40 Datasheet
352Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
ICS650-40A RENESAS-ICS650-40A Datasheet
357Kb / 8P
ETHERNET SWITCH CLOCK SOURCE
REV E 051310
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com