Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3.0SMCJ_5.0_220A Datasheet (PDF) - Bruckewell Technology LTD

3.0SMCJ_5.0_220A Datasheet PDF - Bruckewell Technology LTD
Part # 3.0SMCJ_5.0_220A
Download  3.0SMCJ_5.0_220A Download
File Size   595.92 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 3000W peak pulse power capability with a 10/1000us waveform

3.0SMCJ_5.0_220A Datasheet (PDF)

Go To PDF Page Download Datasheet
3.0SMCJ_5.0_220A Datasheet PDF - Bruckewell Technology LTD

Part # 3.0SMCJ_5.0_220A
Download  3.0SMCJ_5.0_220A Click to download

File Size   595.92 Kbytes
Page   7 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description 3000W peak pulse power capability with a 10/1000us waveform

3.0SMCJ_5.0_220A Datasheet (HTML) - Bruckewell Technology LTD




Similar Part No. - 3.0SMCJ_5.0_220A

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
3.0SMCJ15 WTE-3.0SMCJ15 Datasheet
65Kb / 5P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
3.0SMCJ15 WTE-3.0SMCJ15 Datasheet
81Kb / 6P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
3.0SMCJ15 TSC-3.0SMCJ15 Datasheet
73Kb / 4P
Surface Mount Transient Voltage Suppressor
3.0SMCJ15 TSC-3.0SMCJ15 Datasheet
279Kb / 4P
3000 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
3.0SMCJ15 PANJIT-3.0SMCJ15 Datasheet
112Kb / 5P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 3.0SMCJ_5.0_220A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
3KP5.0 GOOD-ARK-3KP5.0 Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
STMicroelectronics
BZW04-28B STMICROELECTRONICS-BZW04-28B Datasheet
124Kb / 6P
PEAK PULSE POWER : 400 W (10/1000ms)
Feb-2003
logo
Shenzhen Luguang Electr...
3.0SMCJ11C LUGUANG-3.0SMCJ11C Datasheet
216Kb / 4P
3000W peak pulse power capability with 10/1000關s waveform
logo
STMicroelectronics
BZW06-10BRL STMICROELECTRONICS-BZW06-10BRL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
BZW06-31RL STMICROELECTRONICS-BZW06-31RL Datasheet
176Kb / 6P
PEAK PULSE POWER 600 W (10/1000ms)
Feb-2003
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ_15 Datasheet
340Kb / 4P
3000W Peak Power Surface Mount TVS
logo
GOOD-ARK Electronics
3KP220CA GOOD-ARK-3KP220CA Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
3KP5.0 GOOD-ARK-3KP5.0_15 Datasheet
161Kb / 4P
Transient Voltage Suppressors Peak Pulse Power 3000W Stand-off Voltage 5.0 to 220V
logo
SeCoS Halbleitertechnol...
SMDJ SECOS-SMDJ Datasheet
340Kb / 4P
3000W Peak Power Surface Mount TVS
logo
AiT Semiconductor Inc.
SMDJ5.0CA AITSEMI-SMDJ5.0CA Datasheet
400Kb / 6P
TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE 5 TO 250V,3000W PEAK PULSE POWER
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com